Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBJ41HE4BDFP-DJ-F Datasheet(PDF) 11 Page - Elpida Memory

Part # EBJ41HE4BDFP-DJ-F
Description  4GB Registered DDR3 SDRAM DIMM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ41HE4BDFP-DJ-F Datasheet(HTML) 11 Page - Elpida Memory

Back Button EBJ41HE4BDFP-DJ-F Datasheet HTML 7Page - Elpida Memory EBJ41HE4BDFP-DJ-F Datasheet HTML 8Page - Elpida Memory EBJ41HE4BDFP-DJ-F Datasheet HTML 9Page - Elpida Memory EBJ41HE4BDFP-DJ-F Datasheet HTML 10Page - Elpida Memory EBJ41HE4BDFP-DJ-F Datasheet HTML 11Page - Elpida Memory EBJ41HE4BDFP-DJ-F Datasheet HTML 12Page - Elpida Memory EBJ41HE4BDFP-DJ-F Datasheet HTML 13Page - Elpida Memory EBJ41HE4BDFP-DJ-F Datasheet HTML 14Page - Elpida Memory EBJ41HE4BDFP-DJ-F Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
EBJ41HE4BDFD, EBJ41HE4BDFM, EBJ41HE4BDFP
Data Sheet E1580E30 (Ver. 3.0)
11
Recommended DC Operating Conditions (TC = 0°C to +85°C)
Parameter
Symbol
min.
typ.
max.
Unit
Notes
Supply voltage
VDD, VDDQ
1.425
1.5
1.575
V
1, 2, 3
VSS
0
0
0
V
1
VDDSPD
3.0
3.3
3.6
V
Input reference voltage for
address, command inputs
VREFCA (DC)
0.49
× VDD
0.51
× VDD
V
1, 4, 5
Input reference voltage for
DQ, DM inputs
VREFDQ (DC)
0.49
× VDD
0.51
× VDD
V
1, 4, 5
Termination voltage
VTT (DC)
0.49
× VDD
0.51
× VDD
V
Notes: 1. DDR3 SDRAM component specification.
2. Under all conditions VDDQ must be less than or equal to VDD.
3. VDDQ tracks with VDD. AC parameters are measured with VDD and VDDQ tied together.
4. The AC peak noise on VREF may not allow VREF to deviate from VREF(DC) by more than
±1% VDD (for
reference: approx
±15 mV).
5. For reference: approx. VDD/2
±15 mV.


Similar Part No. - EBJ41HE4BDFP-DJ-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ41HE4BDFA ELPIDA-EBJ41HE4BDFA Datasheet
205Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFA-AE-F ELPIDA-EBJ41HE4BDFA-AE-F Datasheet
205Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFA-DJ-F ELPIDA-EBJ41HE4BDFA-DJ-F Datasheet
205Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
More results

Similar Description - EBJ41HE4BDFP-DJ-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ42HE8BAFA ELPIDA-EBJ42HE8BAFA Datasheet
210Kb / 22P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFA ELPIDA-EBJ41HE4BDFA Datasheet
205Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BAFA ELPIDA-EBJ41HE4BAFA Datasheet
214Kb / 21P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HF4B1QA ELPIDA-EBJ41HF4B1QA Datasheet
227Kb / 21P
   4GB VLP Registered DDR3 SDRAM DIMM
logo
Hynix Semiconductor
HMT451R7AFR8C HYNIX-HMT451R7AFR8C Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
logo
Elpida Memory
EBJ40UG8BBU0 ELPIDA-EBJ40UG8BBU0 Datasheet
148Kb / 16P
   4GB DDR3 SDRAM SO-DIMM
EBJ41UF8BCF0 ELPIDA-EBJ41UF8BCF0 Datasheet
289Kb / 16P
   4GB Unbuffered DDR3 SDRAM DIMM
EBE41AE4ACWA ELPIDA-EBE41AE4ACWA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBJ41UF8BAS0 ELPIDA-EBJ41UF8BAS0 Datasheet
211Kb / 21P
   4GB DDR3 SDRAM SO-DIMM
EBJ41UF8BCS0 ELPIDA-EBJ41UF8BCS0 Datasheet
223Kb / 16P
   4GB DDR3 SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com