Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBJ41UF8BCF0 Datasheet(PDF) 10 Page - Elpida Memory

Part # EBJ41UF8BCF0
Description  4GB Unbuffered DDR3 SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ41UF8BCF0 Datasheet(HTML) 10 Page - Elpida Memory

Back Button EBJ41UF8BCF0 Datasheet HTML 6Page - Elpida Memory EBJ41UF8BCF0 Datasheet HTML 7Page - Elpida Memory EBJ41UF8BCF0 Datasheet HTML 8Page - Elpida Memory EBJ41UF8BCF0 Datasheet HTML 9Page - Elpida Memory EBJ41UF8BCF0 Datasheet HTML 10Page - Elpida Memory EBJ41UF8BCF0 Datasheet HTML 11Page - Elpida Memory EBJ41UF8BCF0 Datasheet HTML 12Page - Elpida Memory EBJ41UF8BCF0 Datasheet HTML 13Page - Elpida Memory EBJ41UF8BCF0 Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
EBJ41UF8BCF0
Data Sheet E1690E31 (Ver. 3.1)
10
DC Characteristics 1 (TC = 0°C to +85°C, VDD = 1.5V
± 0.075V, VSS = 0V)
Data rate (Mbps)
1600
1333
Parameter
Symbol
max.
max.
Unit
Notes
Operating current
(ACT-PRE)
(Another rank is in IDD2P1)
IDD0
856
800
mA
Operating current
(ACT-PRE)
(Another rank is in IDD3N)
IDD0
1080
1000
mA
Operating current
(ACT-READ-PRE)
(Another rank is in IDD2P1)
IDD1
976
920
mA
Operating current
(ACT-READ-PRE)
(Another rank is in IDD3N)
IDD1
1200
1120
mA
IDD2P1
592
560
mA
Fast PD Exit
Precharge power-down standby
current
IDD2P0
240
240
mA
Slow PD Exit
Precharge standby current
IDD2N
800
720
mA
Precharge standby ODT current
IDD2NT
800
720
mA
Precharge quiet standby current
IDD2Q
800
720
mA
Active power-down current
(Always fast exit)
IDD3P
624
592
mA
Active standby current
IDD3N
1040
960
mA
Operating current
(Burst read operating)
(Another rank is in IDD2P1)
IDD4R
1576
1400
mA
Operating current
(Burst read operating)
(Another rank is in IDD3N)
IDD4R
1800
1600
mA
Operating current
(Burst write operating)
(Another rank is in IDD2P1)
IDD4W
1616
1440
mA
Operating current
(Burst write operating)
(Another rank is in IDD3N)
IDD4W
1840
1640
mA
Burst refresh current
(Another rank is in IDD2P1)
IDD5B
2296
2200
mA
Burst refresh current
(Another rank is in IDD3N)
IDD5B
2520
2400
mA
All bank interleave read current
(Another rank is in IDD2P1)
IDD7
2376
2280
mA
All bank interleave read current
(Another rank is in IDD3N)
IDD7
2600
2480
mA
RESET low current
IDD8
272
272
mA


Similar Part No. - EBJ41UF8BCF0

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ41UF8BCS0 ELPIDA-EBJ41UF8BCS0 Datasheet
223Kb / 16P
   4GB DDR3 SDRAM SO-DIMM
EBJ41UF8BCS0-DJ-F ELPIDA-EBJ41UF8BCS0-DJ-F Datasheet
223Kb / 16P
   4GB DDR3 SDRAM SO-DIMM
EBJ41UF8BCS0-GN-F ELPIDA-EBJ41UF8BCS0-GN-F Datasheet
223Kb / 16P
   4GB DDR3 SDRAM SO-DIMM
More results

Similar Description - EBJ41UF8BCF0

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE41EF8ABFA ELPIDA-EBE41EF8ABFA Datasheet
255Kb / 30P
   4GB Unbuffered DDR2 SDRAM DIMM
EBJ42HE8BAFA ELPIDA-EBJ42HE8BAFA Datasheet
210Kb / 22P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFA ELPIDA-EBJ41HE4BDFA Datasheet
205Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFD ELPIDA-EBJ41HE4BDFD Datasheet
208Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BAFA ELPIDA-EBJ41HE4BAFA Datasheet
214Kb / 21P
   4GB Registered DDR3 SDRAM DIMM
EBJ40UG8BBU0 ELPIDA-EBJ40UG8BBU0 Datasheet
148Kb / 16P
   4GB DDR3 SDRAM SO-DIMM
EBJ41UF8BAS0 ELPIDA-EBJ41UF8BAS0 Datasheet
211Kb / 21P
   4GB DDR3 SDRAM SO-DIMM
EBJ41UF8BCS0 ELPIDA-EBJ41UF8BCS0 Datasheet
223Kb / 16P
   4GB DDR3 SDRAM SO-DIMM
EBE41UF8ABFA ELPIDA-EBE41UF8ABFA Datasheet
253Kb / 30P
   4GB Unbuffered DDR2 SDRAM DIMM
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com