Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBJ41HF4B1QA-AE-E Datasheet(PDF) 9 Page - Elpida Memory

Part # EBJ41HF4B1QA-AE-E
Description  4GB VLP Registered DDR3 SDRAM DIMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ41HF4B1QA-AE-E Datasheet(HTML) 9 Page - Elpida Memory

Back Button EBJ41HF4B1QA-AE-E Datasheet HTML 5Page - Elpida Memory EBJ41HF4B1QA-AE-E Datasheet HTML 6Page - Elpida Memory EBJ41HF4B1QA-AE-E Datasheet HTML 7Page - Elpida Memory EBJ41HF4B1QA-AE-E Datasheet HTML 8Page - Elpida Memory EBJ41HF4B1QA-AE-E Datasheet HTML 9Page - Elpida Memory EBJ41HF4B1QA-AE-E Datasheet HTML 10Page - Elpida Memory EBJ41HF4B1QA-AE-E Datasheet HTML 11Page - Elpida Memory EBJ41HF4B1QA-AE-E Datasheet HTML 12Page - Elpida Memory EBJ41HF4B1QA-AE-E Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
EBJ41HF4B1QA
Data Sheet E1265E40 (Ver.4.0)
9
Byte No. Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex
value
Comments
146
Module revision code
0
0
1
1
0
0
0
0
30H
Initial
147
Module revision code
0
0
1
0
0
0
0
0
20H
(Space)
148
SDRAM manufacturer’s JEDEC ID code,
LSB
0
0
0
0
0
0
1
0
02H
Elpida Memory
149
SDRAM manufacturer’s JEDEC ID code,
MSB
1
1
1
1
1
1
1
0
FEH
Elpida Memory
150 to
175
Manufacturer's specific data
0
0
0
0
0
0
0
0
00H
176 to
255
Open for customer use


Similar Part No. - EBJ41HF4B1QA-AE-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ41HE4BAFA ELPIDA-EBJ41HE4BAFA Datasheet
214Kb / 21P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BAFA-8C-E ELPIDA-EBJ41HE4BAFA-8C-E Datasheet
214Kb / 21P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BAFA-AE-E ELPIDA-EBJ41HE4BAFA-AE-E Datasheet
214Kb / 21P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BAFA-DJ-E ELPIDA-EBJ41HE4BAFA-DJ-E Datasheet
214Kb / 21P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFA ELPIDA-EBJ41HE4BDFA Datasheet
205Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
More results

Similar Description - EBJ41HF4B1QA-AE-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE41AF4A1QB ELPIDA-EBE41AF4A1QB Datasheet
265Kb / 27P
   4GB VLP Registered DDR2 SDRAM DIMM
EBE41AF4A1QA ELPIDA-EBE41AF4A1QA Datasheet
238Kb / 27P
   4GB VLP Registered DDR2 SDRAM DIMM
logo
Hynix Semiconductor
HMT451V7MFR8C HYNIX-HMT451V7MFR8C Datasheet
1Mb / 67P
   DDR3 SDRAM VLP Registered DIMM Based on 4Gb M-die
logo
Elpida Memory
EBJ42HE8BAFA ELPIDA-EBJ42HE8BAFA Datasheet
210Kb / 22P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFA ELPIDA-EBJ41HE4BDFA Datasheet
205Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFD ELPIDA-EBJ41HE4BDFD Datasheet
208Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
logo
Hynix Semiconductor
HMT451V7AFR8C HYNIX-HMT451V7AFR8C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 4Gb A-die
logo
Elpida Memory
EBJ41HE4BAFA ELPIDA-EBJ41HE4BAFA Datasheet
214Kb / 21P
   4GB Registered DDR3 SDRAM DIMM
logo
Hynix Semiconductor
HMT112V7AFP8C-G7 HYNIX-HMT112V7AFP8C-G7 Datasheet
742Kb / 25P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT325V7AFR8C-G7 HYNIX-HMT325V7AFR8C-G7 Datasheet
1Mb / 35P
   240pin DDR3 SDRAM VLP Registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com