Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBJ21UE8BFU0-DJ-F Datasheet(PDF) 1 Page - Elpida Memory

Part # EBJ21UE8BFU0-DJ-F
Description  2GB DDR3 SDRAM SO-DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ21UE8BFU0-DJ-F Datasheet(HTML) 1 Page - Elpida Memory

  EBJ21UE8BFU0-DJ-F Datasheet HTML 1Page - Elpida Memory EBJ21UE8BFU0-DJ-F Datasheet HTML 2Page - Elpida Memory EBJ21UE8BFU0-DJ-F Datasheet HTML 3Page - Elpida Memory EBJ21UE8BFU0-DJ-F Datasheet HTML 4Page - Elpida Memory EBJ21UE8BFU0-DJ-F Datasheet HTML 5Page - Elpida Memory EBJ21UE8BFU0-DJ-F Datasheet HTML 6Page - Elpida Memory EBJ21UE8BFU0-DJ-F Datasheet HTML 7Page - Elpida Memory EBJ21UE8BFU0-DJ-F Datasheet HTML 8Page - Elpida Memory EBJ21UE8BFU0-DJ-F Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Document No. E1642E30 (Ver. 3.0)
Date Published August 2010 (K) Japan
Printed in Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2010
DATA SHEET
2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BFU0 (256M words
× 64 bits, 2 Ranks)
Specifications
• Density: 2GB
• Organization
 256M words × 64 bits, 2 ranks
• Mounting 16 pieces of 1G bits DDR3 SDRAM sealed
in FBGA
• Package: 204-pin socket type small outline dual in
line memory module (SO-DIMM)
 PCB height: 30.0mm
 Lead pitch: 0.6mm
 Lead-free (RoHS compliant) and Halogen-free
• Power supply: VDD = 1.5V ± 0.075V
• Data rate: 1600Mbps/1333Mbps (max.)
Backward compatible to1066Mbps/800Mbps/667Mbps
• Eight internal banks for concurrent operation
(components)
• Interface: SSTL_15
• Burst lengths (BL): 8 and 4 with Burst Chop (BC)
• /CAS Latency (CL): 5, 6, 7, 8, 9, 10, 11
• /CAS write latency (CWL): 5, 6, 7, 8
• Precharge: auto precharge option for each burst
access
• Refresh: auto-refresh, self-refresh
• Refresh cycles
 Average refresh period
7.8
µs at 0°C ≤ TC ≤ +85°C
3.9
µs at +85°C < TC ≤ +95°C
• Operating case temperature range
 TC = 0°C to +95°C
Features
• Double-data-rate architecture; two data transfers per
clock cycle
• The high-speed data transfer is realized by the 8 bits
prefetch pipelined architecture
• Bi-directional differential data strobe (DQS and /DQS)
is transmitted/received with data for capturing data at
the receiver
• DQS is edge-aligned with data for READs; center-
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge; data
and data mask referenced to both edges of DQS
• Data mask (DM) for write data
• Posted /CAS by programmable additive latency for
better command and data bus efficiency
• On-Die-Termination (ODT) for better signal quality
 Synchronous ODT
 Dynamic ODT
 Asynchronous ODT
• Multi Purpose Register (MPR) for pre-defined pattern
read out
• ZQ calibration for DQ drive and ODT
• Programmable Partial Array Self-Refresh (PASR)
• /RESET pin for Power-up sequence and reset
function
• SRT range:
 Normal/extended
• Programmable Output driver impedance control


Similar Part No. - EBJ21UE8BFU0-DJ-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BFU1-DJ-F ELPIDA-EBJ21UE8BFU1-DJ-F Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
More results

Similar Description - EBJ21UE8BFU0-DJ-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BDS1 ELPIDA-EBJ21UE8BDS1 Datasheet
196Kb / 18P
   2GB DDR3 SDRAM SO-DIMM
EBJ20UF8BCS0 ELPIDA-EBJ20UF8BCS0 Datasheet
286Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BDS0 ELPIDA-EBJ21UE8BDS0 Datasheet
223Kb / 21P
   2GB DDR3 SDRAM SO-DIMM
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBE21UE8AFSA ELPIDA-EBE21UE8AFSA Datasheet
259Kb / 29P
   2GB DDR2 SDRAM SO-DIMM
EBJ21EE8BAWA ELPIDA-EBJ21EE8BAWA Datasheet
207Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21RE8BAFA ELPIDA-EBJ21RE8BAFA Datasheet
227Kb / 20P
   2GB Registered DDR3 SDRAM DIMM
EBJ21EE8BAFA ELPIDA-EBJ21EE8BAFA Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21UE8BDF0 ELPIDA-EBJ21UE8BDF0 Datasheet
218Kb / 21P
   2GB Unbuffered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com