Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBJ21UE8BFU0-DJ-F Datasheet(PDF) 9 Page - Elpida Memory

Part # EBJ21UE8BFU0-DJ-F
Description  2GB DDR3 SDRAM SO-DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ21UE8BFU0-DJ-F Datasheet(HTML) 9 Page - Elpida Memory

Back Button EBJ21UE8BFU0-DJ-F Datasheet HTML 5Page - Elpida Memory EBJ21UE8BFU0-DJ-F Datasheet HTML 6Page - Elpida Memory EBJ21UE8BFU0-DJ-F Datasheet HTML 7Page - Elpida Memory EBJ21UE8BFU0-DJ-F Datasheet HTML 8Page - Elpida Memory EBJ21UE8BFU0-DJ-F Datasheet HTML 9Page - Elpida Memory EBJ21UE8BFU0-DJ-F Datasheet HTML 10Page - Elpida Memory EBJ21UE8BFU0-DJ-F Datasheet HTML 11Page - Elpida Memory EBJ21UE8BFU0-DJ-F Datasheet HTML 12Page - Elpida Memory EBJ21UE8BFU0-DJ-F Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
EBJ21UE8BFU0
Data Sheet E1642E30 (Ver. 3.0)
9
Recommended DC Operating Conditions (TC = 0°C to +85°C)
Parameter
Symbol
min.
typ.
max.
Unit
Notes
Supply voltage
VDD, VDDQ
1.425
1.5
1.575
V
1, 2, 3
VSS
0
0
0
V
1
VDDSPD
3.0
3.3
3.6
V
Input reference voltage for
address, command inputs
VREFCA (DC)
0.49
× VDD
0.51
× VDD
V
1, 4, 5
Input reference voltage for
DQ, DM inputs
VREFDQ (DC)
0.49
× VDD
0.51
× VDD
V
1, 4, 5
Notes: 1. DDR3 SDRAM component specification.
2. Under all conditions VDDQ must be less than or equal to VDD.
3. VDDQ tracks with VDD. AC parameters are measured with VDD and VDDQ tied together.
4. The AC peak noise on VREF may not allow VREF to deviate from VREF(DC) by more than
±1% VDD (for
reference: approx
±15 mV).
5. For reference: approx. VDD/2
±15 mV.


Similar Part No. - EBJ21UE8BFU0-DJ-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BFU1-DJ-F ELPIDA-EBJ21UE8BFU1-DJ-F Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
More results

Similar Description - EBJ21UE8BFU0-DJ-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BDS1 ELPIDA-EBJ21UE8BDS1 Datasheet
196Kb / 18P
   2GB DDR3 SDRAM SO-DIMM
EBJ20UF8BCS0 ELPIDA-EBJ20UF8BCS0 Datasheet
286Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BDS0 ELPIDA-EBJ21UE8BDS0 Datasheet
223Kb / 21P
   2GB DDR3 SDRAM SO-DIMM
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBE21UE8AFSA ELPIDA-EBE21UE8AFSA Datasheet
259Kb / 29P
   2GB DDR2 SDRAM SO-DIMM
EBJ21EE8BAWA ELPIDA-EBJ21EE8BAWA Datasheet
207Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21RE8BAFA ELPIDA-EBJ21RE8BAFA Datasheet
227Kb / 20P
   2GB Registered DDR3 SDRAM DIMM
EBJ21EE8BAFA ELPIDA-EBJ21EE8BAFA Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21UE8BDF0 ELPIDA-EBJ21UE8BDF0 Datasheet
218Kb / 21P
   2GB Unbuffered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com