Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBJ21UE8BFU0-GL-F Datasheet(PDF) 10 Page - Elpida Memory

Part # EBJ21UE8BFU0-GL-F
Description  2GB DDR3 SDRAM SO-DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ21UE8BFU0-GL-F Datasheet(HTML) 10 Page - Elpida Memory

Back Button EBJ21UE8BFU0-GL-F Datasheet HTML 6Page - Elpida Memory EBJ21UE8BFU0-GL-F Datasheet HTML 7Page - Elpida Memory EBJ21UE8BFU0-GL-F Datasheet HTML 8Page - Elpida Memory EBJ21UE8BFU0-GL-F Datasheet HTML 9Page - Elpida Memory EBJ21UE8BFU0-GL-F Datasheet HTML 10Page - Elpida Memory EBJ21UE8BFU0-GL-F Datasheet HTML 11Page - Elpida Memory EBJ21UE8BFU0-GL-F Datasheet HTML 12Page - Elpida Memory EBJ21UE8BFU0-GL-F Datasheet HTML 13Page - Elpida Memory EBJ21UE8BFU0-GL-F Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
EBJ21UE8BFU0
Data Sheet E1642E30 (Ver. 3.0)
10
DC Characteristics 1 (TC = 0°C to +85°C, VDD = 1.5V
± 0.075V, VSS = 0V)
Data rate (Mbps)
1600
1333
Parameter
Symbol
max.
max.
Unit
Notes
Operating current
(ACT-PRE)
(Another rank is in IDD2P1)
IDD0
1200
1080
mA
Operating current
(ACT-PRE)
(Another rank is in IDD3N)
IDD0
1440
1280
mA
Operating current
(ACT-READ-PRE)
(Another rank is in IDD2P1)
IDD1
1320
1200
mA
Operating current
(ACT-READ-PRE)
(Another rank is in IDD3N)
IDD1
1560
1400
mA
IDD2P1
720
640
mA
Fast PD Exit
Precharge power-down standby
current
IDD2P0
240
224
mA
Slow PD Exit
Precharge standby current
IDD2N
1040
960
mA
Precharge standby ODT current
IDD2NT
1040
960
mA
Precharge quiet standby current
IDD2Q
960
880
mA
Active power-down current
(Always fast exit)
IDD3P
720
640
mA
Active standby current
IDD3N
1200
1040
mA
Operating current
(Burst read operating)
(Another rank is in IDD2P1)
IDD4R
2200
1920
mA
Operating current
(Burst read operating)
(Another rank is in IDD3N)
IDD4R
2440
2120
mA
Operating current
(Burst write operating)
(Another rank is in IDD2P1)
IDD4W
2280
2000
mA
Operating current
(Burst write operating)
(Another rank is in IDD3N)
IDD4W
2520
2200
mA
Burst refresh current
(Another rank is in IDD2P1)
IDD5B
2600
2480
mA
Burst refresh current
(Another rank is in IDD3N)
IDD5B
2840
2680
mA
All bank interleave read current
(Another rank is in IDD2P1)
IDD7
3160
2800
mA
All bank interleave read current
(Another rank is in IDD3N)
IDD7
3400
3000
mA
RESET low current
IDD8
128
128
mA


Similar Part No. - EBJ21UE8BFU0-GL-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BFU1-DJ-F ELPIDA-EBJ21UE8BFU1-DJ-F Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
More results

Similar Description - EBJ21UE8BFU0-GL-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BDS1 ELPIDA-EBJ21UE8BDS1 Datasheet
196Kb / 18P
   2GB DDR3 SDRAM SO-DIMM
EBJ20UF8BCS0 ELPIDA-EBJ20UF8BCS0 Datasheet
286Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BDS0 ELPIDA-EBJ21UE8BDS0 Datasheet
223Kb / 21P
   2GB DDR3 SDRAM SO-DIMM
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBE21UE8AFSA ELPIDA-EBE21UE8AFSA Datasheet
259Kb / 29P
   2GB DDR2 SDRAM SO-DIMM
EBJ21EE8BAWA ELPIDA-EBJ21EE8BAWA Datasheet
207Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21RE8BAFA ELPIDA-EBJ21RE8BAFA Datasheet
227Kb / 20P
   2GB Registered DDR3 SDRAM DIMM
EBJ21EE8BAFA ELPIDA-EBJ21EE8BAFA Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21UE8BDF0 ELPIDA-EBJ21UE8BDF0 Datasheet
218Kb / 21P
   2GB Unbuffered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com