Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBJ21UE8BFU0 Datasheet(PDF) 7 Page - Elpida Memory

Part # EBJ21UE8BFU0
Description  2GB DDR3 SDRAM SO-DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ21UE8BFU0 Datasheet(HTML) 7 Page - Elpida Memory

Back Button EBJ21UE8BFU0 Datasheet HTML 3Page - Elpida Memory EBJ21UE8BFU0 Datasheet HTML 4Page - Elpida Memory EBJ21UE8BFU0 Datasheet HTML 5Page - Elpida Memory EBJ21UE8BFU0 Datasheet HTML 6Page - Elpida Memory EBJ21UE8BFU0 Datasheet HTML 7Page - Elpida Memory EBJ21UE8BFU0 Datasheet HTML 8Page - Elpida Memory EBJ21UE8BFU0 Datasheet HTML 9Page - Elpida Memory EBJ21UE8BFU0 Datasheet HTML 10Page - Elpida Memory EBJ21UE8BFU0 Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
EBJ21UE8BFU0
Data Sheet E1642E30 (Ver. 3.0)
7
Block Diagram
RDQS0
RDQ[7:0]
/RDQS0
RDM0
DQ[7:0]
D0
/CS
DQS
/DQS
DM
RDQS1
RDQ[15:8]
/RDQS1
RDM1
DQ[7:0]
D4
/CS
DQS
/DQS
DM
RDQS2
RDQ[23:16]
/RDQS2
RDM2
DQ[7:0]
D1
/CS
DQS
/DQS
DM
RDQS3
RDQ[31:24]
/RDQS3
RDM3
DQ[7:0] D13
/CS
DQS
/DQS
DM
RDQS4
RDQ[39:32]
/RDQS4
RDM4
DQ[7:0]
D6
/CS
DQS
/DQS
DM
RDQS5
RDQ[47:40]
/RDQS5
RDM5
DQ[7:0] D10
/CS
DQS
/DQS
DM
RDQS6
RDQ[55:48]
/RDQS6
RDM6
DQ[7:0] D15
/CS
DQS
/DQS
DM
RDQS7
RDQ[63:56]
/RDQS7
RDM7
DQ[7:0] D11
/CS
DQS
/DQS
DM
DQ[7:0]
D8
/CS
DQS
/DQS
DM
DQ[7:0] D12
/CS
DQS
/DQS
DM
DQ[7:0]
D9
/CS
DQS
/DQS
DM
DQ[7:0]
D5
/CS
DQS
/DQS
DM
DQ[7:0] D14
/CS
DQS
/DQS
DM
DQ[7:0]
D2
/CS
DQS
/DQS
DM
DQ[7:0]
D7
/CS
DQS
/DQS
DM
DQ[7:0]
D3
/CS
DQS
/DQS
DM
Rank0 SDRAMs
Rank1 SDRAMs
/CS0
/CS1
BA[2:0]
A[13:0]
/RAS
/CAS
/WE
CKE0
CKE1
ODT0
ODT1
CK0
/CK0
/RESET
All SDRAMs
3.3pF
ZQ
VSS
240
Serial PD
VDDSPD
VDD
All SDRAMs
VTT
VREFDQ
All SDRAMs
VSS
All SDRAMs, Serial PD
VREFCA
All SDRAMs
DQS[7:0]
DQ[63:0]
/DQS[7:0]
RDQS[7:0]
RDQ[63:0]
/RDQS[7:0]
/CS[1:0]
BA[2:0]
A[13:0]
/RAS
/CAS
/WE
CKE[1:0]
ODT[1:0]
VTT
VTT
36
36
15
A1
SDA
SCL
A0
A2
WP
U1
Serial PD
SA1
SCL
SA0
VSS
SDA
VSS
Note :
1. DQ wiring may be changed within a byte.
Address, command and control line
CK[1:0]
/CK[1:0]
VDD
30
0.1uF
DM[7:0]
RDM[7:0]
CK1
/CK1
3.3pF
All SDRAMs
All SDRAMs
All SDRAMs
All SDRAMs
All SDRAMs
Rank1 SDRAMs
Rank0 SDRAMs
Rank1 SDRAMs
Rank0 SDRAMs
Rank1 SDRAMs
Rank0 SDRAMs
V1
V2
V3
V4
V5
V6
V7
V8
V9
V1
V4
V3
V2
V9
V8
V7
V6
V5
D8
D9
D10
D11
D12
D13
D14
D15
D4
D5
D6
D7
D0
D1
D2
D3
VTT
Rank0
Rank1
/CS0
/CS1


Similar Part No. - EBJ21UE8BFU0

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BFU1-DJ-F ELPIDA-EBJ21UE8BFU1-DJ-F Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
More results

Similar Description - EBJ21UE8BFU0

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BDS1 ELPIDA-EBJ21UE8BDS1 Datasheet
196Kb / 18P
   2GB DDR3 SDRAM SO-DIMM
EBJ20UF8BCS0 ELPIDA-EBJ20UF8BCS0 Datasheet
286Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BDS0 ELPIDA-EBJ21UE8BDS0 Datasheet
223Kb / 21P
   2GB DDR3 SDRAM SO-DIMM
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBE21UE8AFSA ELPIDA-EBE21UE8AFSA Datasheet
259Kb / 29P
   2GB DDR2 SDRAM SO-DIMM
EBJ21EE8BAWA ELPIDA-EBJ21EE8BAWA Datasheet
207Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21RE8BAFA ELPIDA-EBJ21RE8BAFA Datasheet
227Kb / 20P
   2GB Registered DDR3 SDRAM DIMM
EBJ21EE8BAFA ELPIDA-EBJ21EE8BAFA Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21UE8BDF0 ELPIDA-EBJ21UE8BDF0 Datasheet
218Kb / 21P
   2GB Unbuffered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com