Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBJ20UF8BCS0 Datasheet(PDF) 8 Page - Elpida Memory

Part # EBJ20UF8BCS0
Description  2GB DDR3 SDRAM SO-DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ20UF8BCS0 Datasheet(HTML) 8 Page - Elpida Memory

Back Button EBJ20UF8BCS0 Datasheet HTML 4Page - Elpida Memory EBJ20UF8BCS0 Datasheet HTML 5Page - Elpida Memory EBJ20UF8BCS0 Datasheet HTML 6Page - Elpida Memory EBJ20UF8BCS0 Datasheet HTML 7Page - Elpida Memory EBJ20UF8BCS0 Datasheet HTML 8Page - Elpida Memory EBJ20UF8BCS0 Datasheet HTML 9Page - Elpida Memory EBJ20UF8BCS0 Datasheet HTML 10Page - Elpida Memory EBJ20UF8BCS0 Datasheet HTML 11Page - Elpida Memory EBJ20UF8BCS0 Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
EBJ20UF8BCS0
Data Sheet E1669E30 (Ver. 3.0)
8
Electrical Specifications
• All voltages are referenced to VSS (GND).
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Notes
Power supply voltage
VDD
−0.4 to +1.975
V
1, 3, 4
Input voltage
VIN
−0.4 to +1.975
V
1, 4
Output voltage
VOUT
−0.4 to +1.975
V
1, 4
Reference voltage
VREFCA
−0.4 to 0.6 × VDD
V
3, 4
Reference voltage for DQ
VREFDQ
−0.4 to 0.6 × VDDQ
V
3, 4
Storage temperature
Tstg
−55 to +100
°C
1, 2, 4
Power dissipation
PD
8
W
Short circuit output current
IOUT
50
mA
1, 4
Notes: 1. Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect reliability.
2. Storage temperature is the case surface temperature on the center/top side of the DRAM.
3. VDD and VDDQ must be within 300mV of each other at all times; and VREF must be not greater than
0.6
× VDDQ, When VDD and VDDQ are less than 500mV; VREF may be equal to or less than 300mV.
4. DDR3 SDRAM component specification.
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Operating Temperature Condition
Parameter
Symbol
Rating
Unit
Notes
Operating case temperature
TC
0 to +95
°C
1, 2, 3
Notes: 1. Operating temperature is the case surface temperature on the center/top side of the DRAM.
2. The Normal Temperature Range specifies the temperatures where all DRAM specifications will be
supported. During operation, the DRAM case temperature must be maintained between 0°C to +85°C
under all operating conditions.
3. Some applications require operation of the DRAM in the Extended Temperature Range between +85°C
and +95°C case temperature. Full specifications are guaranteed in this range, but the following additional
conditions apply:
a)
Refresh commands must be doubled in frequency, therefore reducing the refresh interval tREFI to
3.9µs. (This double refresh requirement may not apply for some devices.)
b)
If Self-refresh operation is required in the Extended Temperature Range, then it is mandatory to
either use the Manual Self-Refresh mode with Extended Temperature Range capability (MR2 bit
[A6, A7] = [0, 1]) or enable the optional Auto Self-Refresh mode (MR2 bit [A6, A7] = [1, 0]).


Similar Part No. - EBJ20UF8BCS0

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ20UF8BCF0 ELPIDA-EBJ20UF8BCF0 Datasheet
272Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ20UF8BCF0-DJ-F ELPIDA-EBJ20UF8BCF0-DJ-F Datasheet
272Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ20UF8BCF0-GN-F ELPIDA-EBJ20UF8BCF0-GN-F Datasheet
272Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
More results

Similar Description - EBJ20UF8BCS0

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BDS1 ELPIDA-EBJ21UE8BDS1 Datasheet
196Kb / 18P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BFU0 ELPIDA-EBJ21UE8BFU0 Datasheet
247Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BDS0 ELPIDA-EBJ21UE8BDS0 Datasheet
223Kb / 21P
   2GB DDR3 SDRAM SO-DIMM
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBE21UE8AFSA ELPIDA-EBE21UE8AFSA Datasheet
259Kb / 29P
   2GB DDR2 SDRAM SO-DIMM
EBJ21EE8BAWA ELPIDA-EBJ21EE8BAWA Datasheet
207Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21RE8BAFA ELPIDA-EBJ21RE8BAFA Datasheet
227Kb / 20P
   2GB Registered DDR3 SDRAM DIMM
EBJ21EE8BAFA ELPIDA-EBJ21EE8BAFA Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21UE8BDF0 ELPIDA-EBJ21UE8BDF0 Datasheet
218Kb / 21P
   2GB Unbuffered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com