Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM9009-14 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM9009-14
Description  Quad 14-Bit, 125Msps ADC with Integrated Drivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9009-14 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM9009-14 Datasheet HTML 2Page - Linear Technology LTM9009-14 Datasheet HTML 3Page - Linear Technology LTM9009-14 Datasheet HTML 4Page - Linear Technology LTM9009-14 Datasheet HTML 5Page - Linear Technology LTM9009-14 Datasheet HTML 6Page - Linear Technology LTM9009-14 Datasheet HTML 7Page - Linear Technology LTM9009-14 Datasheet HTML 8Page - Linear Technology LTM9009-14 Datasheet HTML 9Page - Linear Technology LTM9009-14 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTM9012
6
9012f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND (unless otherwise
noted).
Note 3: Input pins are protected by steering diodes to either supply. If
the inputs should exceed either supply voltage, the input current should
be limited to less than 10mA. In addition, the inputs CHn+, CHnare
protected by a pair of back-to-back diodes. If the differential input voltage
exceeds 1.4V, the input current should be limited to less than 10mA.
Note 4: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
greater than 100mA below GND or above VDD without latchup.
Note 5: When these pin voltages are taken below GND they will be
clamped by internal diodes. When these pin voltages are taken above VDD
they will not be clamped by internal diodes. This product can handle input
currents greater than 100mA below GND without latchup.
elecTrical characTerisTics
Note 6: VCC = 3.3V, VDD = OVDD = 1.8V, fSAMPLE = 125MHz, 2-lane output
mode, differential ENC+/ENC= 2VP-P sine wave, input range = 200mVP-P
with differential drive, unless otherwise noted.
Note 7: Integral nonlinearity is defined as the deviation of a code from a
best fit straight line to the transfer curve. The deviation is measured from
the center of the quantization band.
Note 8: Offset error is the offset voltage measured from –0.5 LSB when
the output code flickers between 00 0000 0000 0000 and 11 1111 1111
1111 in 2’s complement output mode.
Note 9: Guaranteed by design, not subject to test.
Note 10: Recommended operating conditions.
Note 11: The maximum sampling frequency depends on the speed grade
of the part and also which serialization mode is used. The maximum serial
data rate is 1000Mbps so tSER must be greater than or equal to 1ns.
Note 12: Near-channel crosstalk refers to CH1 and CH2. Far channel
crosstalk refers to CH1 to CH4.
TiMing DiagraMs
ANALOG
INPUT
ENC
ENC+
DCO
DCO+
tAP
tENCH
tENCL
tSER
tSER
tSER
tPD
tDATA
tFRAME
SAMPLE N-6
*SEE THE DIGITAL OUTPUTS SECTION
SAMPLE N-5
SAMPLE N-4
N+1
N
9012 TD01
D5 D3 D1
0 D13 D11 D9 D7 D5 D3 D1
0 D13 D11 D9
OUT#A
OUT#A+
FR
FR+
D4 D2 D0
0 D12 D10 D8 D6 D4 D2 D0
0 D12 D10 D8
OUT#B
OUT#B+
2-Lane Output Mode, 16-Bit Serialization*


Similar Part No. - LTM9009-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9009-14 LINER-LTM9009-14 Datasheet
455Kb / 36P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTM9009-14 LINER-LTM9009-14 Datasheet
743Kb / 36P
   14-Bit, 65Msps/40Msps/25Msps Low Power Octal ADCs
LTM9009-14 LINER-LTM9009-14_15 Datasheet
1Mb / 40P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
More results

Similar Description - LTM9009-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9012 LINER-LTM9012_15 Datasheet
1Mb / 28P
   Quad 14-Bit, 125Msps ADC with Integrated Drivers
logo
Intersil Corporation
ISLA214P12 INTERSIL-ISLA214P12 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
ISLA214P12IRZ INTERSIL-ISLA214P12IRZ Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
June 27, 2012
logo
Renesas Technology Corp
ISLA214P12 RENESAS-ISLA214P12 Datasheet
1Mb / 34P
   High Performance 14-Bit, 125MSPS ADC
logo
Intersil Corporation
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5514P-25Q72 INTERSIL-KAD5514P-25Q72 Datasheet
802Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
logo
Renesas Technology Corp
ISLA224P12 RENESAS-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
logo
Intersil Corporation
ISLA224P12 INTERSIL-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com