Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWB80A30 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # PWB80A30
Description  Non-isolated Thyristor Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

PWB80A30 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  PWB80A30 Datasheet HTML 1Page - Naina Semiconductor ltd. PWB80A30 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
1
D-95, Sector 63, Noida
sales@nainasemi.com
Non-
Features
Low voltage three-phase
High surge current of 2500A @ 60Hz
Easy construction
Non-isolated
Mounting base as common anode
Electrical Characteristics
(TC = 25
OC unless otherwise specified)
Parameter
Average on-state current
Single phase, half
conduction @ T
R.M.S. on-state current
On-state surge current
half cycle, 50Hz/60Hz, peak value,
non-repetitive
I
2t required for fusing
Peak gate power dissipation
Average gate power dissipation
Peak gate current
Peak gate voltage (forward)
Peak gate voltage (reverse)
Critical rate of rise of on-state current
I0 = 200mA, V
A/µs
Critical rate of rise of off-state voltage
TJ = 150
wave
Holding current
Thermal & Mechanical Specifications (TC = 25
Parameter
Operating junction temperature range
Storage temperature range
Thermal resistance, junction to case
Voltage Ratings (TC = 25
OC unless otherwise specified)
Parameter
Symbol
Maximum repetitive peak
reverse voltage
VRRM
Maximum non-repetitive
peak reverse voltage
VRSM
Maximum repetitive peak
off-state voltage
VDRM
emiconductor Ltd.
Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120
sales@nainasemi.com
www.nainasemi.com
-isolated Thyristor Module
NT3
C unless otherwise specified)
Conditions
Symbol
Single phase, half-wave, 180
0
conduction @ TC = 116
0C
IT(AV)
IT(RMS)
half cycle, 50Hz/60Hz, peak value,
repetitive
ITSM
I
2t
PGM
PGM(AV)
IGM
VFGM
VRGM
= 200mA, V0 = ½ VDRM , dIG/dt = 1
di/dt
= 150
0C, V
0 =
2/3 V
DRM , exponential
wave
dv/dt
IH
= 25
OC unless otherwise specified)
Symbol
TJ
TSTG
Rth(JC)
unless otherwise specified)
Values
Units
300
V
360
V
300
V
80NT3
4205450
Fax: 0120-4273653
NT3
Values
Units
80
A
125
A
2280
A
26000
A
2S
10
W
1
W
3
A
10
V
5
V
50
A/µs
50
V/µs
100
mA
Values
Units
-30 to +150
0C
-30 to +125
0C
0.35
0C/W


Similar Part No. - PWB80A30

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
PWB80A30 SANREX-PWB80A30 Datasheet
390Kb / 2P
   THYRISTOR MODULE (NON-ISOLATED TYPE)
PWB80A30 SANREX-PWB80A30 Datasheet
112Kb / 2P
   THYRISTOR MODULE竊뉿ON-ISOLATED TYPE竊
More results

Similar Description - PWB80A30

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
130NT3 NAINA-130NT3 Datasheet
113Kb / 2P
   Non-isolated Thyristor Module
60NT3 NAINA-60NT3 Datasheet
113Kb / 2P
   Non-isolated Thyristor Module
100NT3 NAINA-100NT3 Datasheet
113Kb / 2P
   Non-isolated Thyristor Module
logo
SanRex Corporation
PWB80A30 SANREX-PWB80A30 Datasheet
390Kb / 2P
   THYRISTOR MODULE (NON-ISOLATED TYPE)
logo
Naina Semiconductor ltd...
PWB80A NAINA-PWB80A Datasheet
184Kb / 2P
   Non-isolated Thyristor Module, 80A
logo
SanRex Corporation
PWB130A40 SANREX-PWB130A40 Datasheet
113Kb / 2P
   THYRISTOR MODULE (NON-ISOLATED TYPE)
PWB100A SANREX-PWB100A Datasheet
114Kb / 2P
   THYRISTOR MODULE (NON-ISOLATED TYPE)
logo
Naina Semiconductor ltd...
N3T60 NAINA-N3T60 Datasheet
176Kb / 2P
   Non-isolated Thyristor Module, 60 Amps
N3T80 NAINA-N3T80 Datasheet
171Kb / 2P
   Non-isolated Thyristor Module, 80 Amps
N3T130 NAINA-N3T130 Datasheet
170Kb / 2P
   Non-isolated Thyristor Module, 130 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com