Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWB60A30 Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

Part # PWB60A30
Description  Non-isolated Thyristor Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

PWB60A30 Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  PWB60A30 Datasheet HTML 1Page - Naina Semiconductor ltd. PWB60A30 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor
2
D-95, Sector 63, Noida
sales@nainasemi.com
Diode Configuration
emiconductor Ltd.
Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120
sales@nainasemi.com
www.nainasemi.com
ALL DIMENSIONS IN MM
60NT3
4205450
Fax: 0120-4273653


Similar Part No. - PWB60A30

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
PWB60A30 SANREX-PWB60A30 Datasheet
112Kb / 2P
   THYRISTOR MODULE
More results

Similar Description - PWB60A30

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
130NT3 NAINA-130NT3 Datasheet
113Kb / 2P
   Non-isolated Thyristor Module
80NT3 NAINA-80NT3 Datasheet
116Kb / 2P
   Non-isolated Thyristor Module
100NT3 NAINA-100NT3 Datasheet
113Kb / 2P
   Non-isolated Thyristor Module
logo
SanRex Corporation
PWB80A30 SANREX-PWB80A30 Datasheet
390Kb / 2P
   THYRISTOR MODULE (NON-ISOLATED TYPE)
logo
Naina Semiconductor ltd...
PWB80A NAINA-PWB80A Datasheet
184Kb / 2P
   Non-isolated Thyristor Module, 80A
logo
SanRex Corporation
PWB130A40 SANREX-PWB130A40 Datasheet
113Kb / 2P
   THYRISTOR MODULE (NON-ISOLATED TYPE)
PWB100A SANREX-PWB100A Datasheet
114Kb / 2P
   THYRISTOR MODULE (NON-ISOLATED TYPE)
logo
Naina Semiconductor ltd...
N3T60 NAINA-N3T60 Datasheet
176Kb / 2P
   Non-isolated Thyristor Module, 60 Amps
N3T80 NAINA-N3T80 Datasheet
171Kb / 2P
   Non-isolated Thyristor Module, 80 Amps
N3T130 NAINA-N3T130 Datasheet
170Kb / 2P
   Non-isolated Thyristor Module, 130 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com