Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTZ1000 Datasheet(PDF) 4 Page - Linear Technology

Part # LTZ1000
Description  Ultra Precision Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTZ1000 Datasheet(HTML) 4 Page - Linear Technology

  LTZ1000_12 Datasheet HTML 1Page - Linear Technology LTZ1000_12 Datasheet HTML 2Page - Linear Technology LTZ1000_12 Datasheet HTML 3Page - Linear Technology LTZ1000_12 Datasheet HTML 4Page - Linear Technology LTZ1000_12 Datasheet HTML 5Page - Linear Technology LTZ1000_12 Datasheet HTML 6Page - Linear Technology LTZ1000_12 Datasheet HTML 7Page - Linear Technology LTZ1000_12 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTZ1000/LTZ1000A
4
1000afd
applicaTions inForMaTion
LTZ1000 and LTZ1000A are capable of providing ultimate
voltagereferenceperformance.Temperaturedriftsofbetter
than 0.03ppm/°C and long-term stability on the order of
1µV per month can be achieved. Noise of about 0.15ppm
can also be obtained. This performance is at the expense
of circuit complexity, since external influences can easily
cause output voltage shifts of more than 1ppm.
Thermocouple effects are one of the worst problems and
can give apparent drifts of many ppm/°C as well as cause
low frequency noise. The kovar input leads of the TO-5
package form thermocouples when connected to copper
PC boards. These thermocouples generate outputs of
35µV/°C. It is mandatory to keep the zener and transistor
leads at the same temperature, otherwise 1ppm to 5ppm
shifts in the output voltage can easily be expected from
these thermocouples.
Air currents blowing across the leads can also cause small
temperature variations, especially since the package is
heated. This will look like 1ppm to 5ppm of low frequency
noise occurring over a several minute period. For best
results, the device should be located in an enclosed area
and well shielded from air currents.
Certainly, any temperature gradient externally generated,
say from a power supply, should not appear across the
critical circuitry. The leads to the transistor and zener
should be connected to equal size PC traces to equalize
the heat loss and maintain them at similar temperatures.
The bottom portion of the PC board should be shielded
against air currents as well.
Resistors, as well as having resistance temperature coef-
ficients,cangeneratethermocoupleeffects.Sometypesof
resistors can generate hundreds of microvolts of thermo-
couple voltage. These thermocouple effects in the resistor
can also interfere with the output voltage. Wire wound
resistors usually have the lowest thermocouple voltage,
while tin oxide type resistors have very high thermocouple
voltage. Film resistors, especially Vishay precision film
resistors, can have low thermocouple voltage.
Ordinary breadboarding techniques are not good enough
to give stable output voltage with the LTZ1000 family
devices. For breadboarding, it is suggested that a small
printed circuit board be made up using the reference, the
amplifier and wire wound resistors. Care must be taken to
ensure that heater current does not flow through the same
ground lead as the negative side of the reference (emitter
of Q1). Current changes in the heater could add to, or
subtract from, the reference voltage causing errors with
temperature. Single point grounding using low resistance
wiring is suggested.
block DiagraM
1
8
Q2
Q1
3
5
6
2
4
7
*
*
*SUBSTRATE DEVICES–DO NOT FORWARD BIAS
1000 TA07


Similar Part No. - LTZ1000_12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTZ1000 LINER-LTZ1000_15 Datasheet
166Kb / 8P
   Ultra Precision Reference
More results

Similar Description - LTZ1000_12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTZ1000 LINER-LTZ1000_15 Datasheet
166Kb / 8P
   Ultra Precision Reference
LTZ1000A LINER-LTZ1000A_15 Datasheet
166Kb / 8P
   Ultra Precision Reference
LTZ1000 LINER-LTZ1000_06 Datasheet
134Kb / 8P
   Ultra Precision Reference
LTZ1000 LINER-LTZ1000 Datasheet
127Kb / 8P
   Ultra Precision Reference
LTZ1000 LINER-LTZ1000 Datasheet
385Kb / 7P
   Ultra Precision Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com