Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8031 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8031
Description  Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8031 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8031 Datasheet HTML 3Page - Linear Technology LTM8031 Datasheet HTML 4Page - Linear Technology LTM8031 Datasheet HTML 5Page - Linear Technology LTM8031 Datasheet HTML 6Page - Linear Technology LTM8031 Datasheet HTML 7Page - Linear Technology LTM8031 Datasheet HTML 8Page - Linear Technology LTM8031 Datasheet HTML 9Page - Linear Technology LTM8031 Datasheet HTML 10Page - Linear Technology LTM8031 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTM8031
7
8031fb
pin FuncTions
SYNC (Pin L6): This is the external clock synchronization
input.GroundthispinforlowrippleBurstMode®operation
at low output loads. Tie to a stable voltage source greater
than 0.7V to disable Burst Mode operation. Do not leave
this pin floating. Tie to a clock source for synchroniza-
tion. Clock edges should have rise and fall times faster
than 1µs. See Synchronization section in Applications
Information.
PGOOD (Pin K7): The PGOOD pin is the open-collector
outputofaninternalcomparator.PGOODremainslowuntil
the ADJ pin is within 10% of the final regulation voltage.
The PGOOD output is valid when VIN is above 3.6V and
RUN/SS is high. If this function is not used, leave this
pin floating.
ADJ (Pin J7): The LTM8031 regulates its ADJ pin to 0.79V.
Connect the adjust resistor from this pin to ground. The
value of RADJ is given by the equation:
RADJ =
196.71
VOUT – 0.79
where RADJ is in kΩ.
block DiagraM
CURRENT
MODE
CONTROLLER
249k
10µF
VOUT
AUX
GND
4.7µH
BIAS
22pF
EMI FILTER
FIN
VIN
GND
SHARE
SYNC
RT
PGOOD
ADJ
8031 BD
RUN/SS


Similar Part No. - LTM8031

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8031 LINER-LTM8031 Datasheet
260Kb / 20P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8031 LINER-LTM8031 Datasheet
371Kb / 28P
   Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM8031 LINER-LTM8031 Datasheet
347Kb / 20P
   3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM8031EVPBF LINER-LTM8031EVPBF Datasheet
260Kb / 20P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8031IVPBF LINER-LTM8031IVPBF Datasheet
260Kb / 20P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
More results

Similar Description - LTM8031

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8031 LINER-LTM8031 Datasheet
260Kb / 20P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8031 LINER-LTM8031_15 Datasheet
302Kb / 22P
   Ultralow Noise EMC 36V, 1A DC/DC Module Regulator
LTM8032 LINER-LTM8032 Datasheet
310Kb / 20P
   Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
LTM8033 LINER-LTM8033 Datasheet
274Kb / 24P
   Ultralow Noise EMC 36VIN, 3A DC/DC 關Module Regulator
LTM8033 LINER-LTM8033_15 Datasheet
382Kb / 26P
   Ultralow Noise EMC 36VIN, 3A DC/DC Module Regulator
LTM8022 LINER-LTM8022 Datasheet
246Kb / 20P
   1A, 36V DC/DC 關Module
LTM8022 LINER-LTM8022_15 Datasheet
281Kb / 20P
   1A, 36V DC/DC Module
LTM4611 LINER-LTM4611 Datasheet
469Kb / 28P
   Ultralow VIN, 15A DC/DC 關Module Regulator
LTM4612 LINER-LTM4612 Datasheet
369Kb / 24P
   Ultralow Noise 36VIN, 15VOUT, 5A, DC/DC 關Module
LTM4606 LINER-LTM4606_1 Datasheet
371Kb / 28P
   Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com