Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1791 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1791
Description  Complete Isolated RS485/RS422 關Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1791 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1791 Datasheet HTML 4Page - Linear Technology LT1791 Datasheet HTML 5Page - Linear Technology LT1791 Datasheet HTML 6Page - Linear Technology LT1791 Datasheet HTML 7Page - Linear Technology LT1791 Datasheet HTML 8Page - Linear Technology LT1791 Datasheet HTML 9Page - Linear Technology LT1791 Datasheet HTML 10Page - Linear Technology LT1791 Datasheet HTML 11Page - Linear Technology LT1791 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTM2881
8
2881fe
LOGIC SIDE (VCC, VL, GND)
DOUT (Pin A1): General Purpose Logic Output. Logic
output connected through isolation path to DIN. Under
the condition of an isolation communication failure DOUT
is in a high impedance state.
TE (Pin A2): Terminator Enable. A logic high enables a
termination resistor (typically 120Ω) between pins A and B.
DI (Pin A3): Driver Input. If the driver outputs are enabled
(DE high), then a low on DI forces the driver noninverting
output (Y) low and the inverting output (Z) high. A high
on DI, with the driver outputs enabled, forces the driver
noninverting output (Y) high and inverting output (Z) low.
DE (Pin A4): Driver Enable. A logic low disables the driver
leaving the outputs Y and Z in a high impedance state. A
logic high enables the driver.
RE (Pin A5): Receiver Enable. A logic low enables the
receiver output. A logic high disables RO to a high imped-
ance state.
RO (Pin A6): Receiver Output. If the receiver output is
enabled (RE low) and if A – B is > 200mV, RO is a logic
high, if A – B is < –200mV RO is a logic low. If the receiver
inputs are open, shorted, or terminated without a valid
signal, RO will be high. Under the condition of an isolation
communication failure RO is in a high impedance state.
VL (Pin A7): Logic Supply. Interface supply voltage for
pins RO, RE, TE, DI, DE, DOUT, and ON. Recommended
operating voltage is 1.62V to 5.5V. Internally bypassed
to GND with 2.2μF.
ON (Pin A8): Enable. Enables power and data communica-
tion through the isolation barrier. If ON is high the part is
enabled and power and communications are functional
to the isolated side. If ON is low the logic side is held in
reset and the isolated side is unpowered.
GND (Pins B1-B5): Circuit Ground.
VCC(Pins B6-B8): Supply Voltage. Recommended operat-
ing voltage is 3V to 3.6V for LTM2881-3 and 4.5V to 5.5V
for LTM2881-5. Internally bypassed to GND with 2.2μF.
PIN FUNCTIONS
ISOLATED SIDE (VCC2, GND2)
DIN (Pin L1): General Purpose Isolated Logic Input. Logic
input on the isolated side relative to VCC2 and GND2. A
logic high on DIN will generate a logic high on DOUT. A
logic low on DIN will generate a logic low on DOUT.
SLO (Pin L2): Driver Slew Rate Control. A low input, rela-
tive to GND2, will force the driver into a reduced slew rate
mode for reduced EMI. A high input, relative to GND2,
puts the driver into full speed mode to support maximum
data rates.
Y (Pin L3): Non Inverting Driver Output. High impedance
when the driver is disabled.
Z (Pin L4): Inverting Driver Output. High impedance when
the driver is disabled.
B (Pin L5): Inverting Receiver Input. Impedance is > 96kΩ
in receive mode with TE low or unpowered.
A (Pin L6): Non Inverting Receiver Input. Impedance is
> 96kΩ in receive mode with TE low or unpowered.
VCC2 (Pins L7-L8): Isolated Supply Voltage. Internally
generated from VCC by an isolated DC/DC converter and
regulated to 5V. Internally bypassed to GND2 with 2.2μF.
GND2 (Pins K1-K8): Isolated Side Circuit Ground. The
pads should be connected to the isolated ground and/or
cable shield.


Similar Part No. - LT1791

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1791 LINER-LT1791 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
logo
Analog Devices
LT1791 AD-LT1791 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LT1791 AD-LT1791 Datasheet
999Kb / 24P
   ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
LT1791 AD-LT1791 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
More results

Similar Description - LT1791

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2881 LINER-LTM2881 Datasheet
327Kb / 20P
   Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_10 Datasheet
462Kb / 22P
   Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_15 Datasheet
717Kb / 24P
   Complete Isolated RS485/RS422 Module Transceiver Power
LTC3612 LINER-LTC3612 Datasheet
271Kb / 8P
   Isolated RS485/RS422 關Module Transceiver Power
LTM2885 LINER-LTM2885 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 關Module Transceiver Power
logo
List of Unclassifed Man...
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
   Isolated RS485/RS422 Interface
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
   Isolated 3Volt RS422/RS485 Interface
logo
Analog Devices
LTM2885 AD-LTM2885_V01 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
logo
Texas Instruments
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers
logo
National Semiconductor ...
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
   Multipoint RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com