Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4278 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4278
Description  Synchronous No-Opto Flyback Controller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4278 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4278 Datasheet HTML 5Page - Linear Technology LTC4278 Datasheet HTML 6Page - Linear Technology LTC4278 Datasheet HTML 7Page - Linear Technology LTC4278 Datasheet HTML 8Page - Linear Technology LTC4278 Datasheet HTML 9Page - Linear Technology LTC4278 Datasheet HTML 10Page - Linear Technology LTC4278 Datasheet HTML 11Page - Linear Technology LTC4278 Datasheet HTML 12Page - Linear Technology LTC4278 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
LTC4278
9
4278fc
TEMPERATURE (°C)
–50
330
25
4278 G28
300
280
–25
0
50
270
260
340
320
310
290
75
100 125
RtON(MIN) = 158k
TEMPERATURE (°C)
–50
0
50
150
200
250
0
50
75
4278 G29
100
–25
25
100 125
300
RPGDLY = 16.9k
RPGDLY = 27.4k
TEMPERATURE (°C)
–50
285
305
325
25
75
4278 G30
265
245
–25
0
50
100
125
225
205
RENDLY = 90k
Minimum PG On-Time
vs Temperature
PG Delay Time vs Temperature
Enable Delay Time
vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LTC4278

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4278 LINER-LTC4278 Datasheet
400Kb / 40P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
logo
Analog Devices
LTC4278 AD-LTC4278 Datasheet
2Mb / 30P
   8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control
Rev. 0
logo
Linear Technology
LTC4278 LINER-LTC4278 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
logo
Analog Devices
LTC4278 AD-LTC4278 Datasheet
2Mb / 34P
   12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
logo
Linear Technology
LTC4278 LINER-LTC4278 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
More results

Similar Description - LTC4278

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3837 LINER-LT3837 Datasheet
250Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
LT3837 LINER-LT3837_15 Datasheet
321Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
LTC4269-1 LINER-LTC4269-1 Datasheet
391Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4269-1 LINER-LTC4269-1_15 Datasheet
383Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4268-1 LINER-LTC4268-1_15 Datasheet
424Kb / 46P
   High Power PD With Synchronous No-Opto Flyback Controller
LTC4268-1 LINER-LTC4268-1_12 Datasheet
424Kb / 46P
   High Power PD With Synchronous No-Opto Flyback Controller
LT3798 LINER-LT3798 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
logo
Maxim Integrated Produc...
MAX17690 MAXIM-MAX17690_17 Datasheet
802Kb / 22P
   60V, No-Opto Isolated Flyback Controller
Rev 1; 12/16
logo
Linear Technology
LT3825 LINER-LT3825 Datasheet
350Kb / 32P
   Isolated No-Opto Synchronous Flyback Controller with Wide Input Supply Range
LT3825 LINER-LT3825_15 Datasheet
386Kb / 32P
   Isolated No-Opto Synchronous Flyback Controller with Wide Input Supply Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com