Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4251 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4251
Description  Negative Voltage Hot Swap Controllers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4251 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4251 Datasheet HTML 2Page - Linear Technology LTC4251 Datasheet HTML 3Page - Linear Technology LTC4251 Datasheet HTML 4Page - Linear Technology LTC4251 Datasheet HTML 5Page - Linear Technology LTC4251 Datasheet HTML 6Page - Linear Technology LTC4251 Datasheet HTML 7Page - Linear Technology LTC4251 Datasheet HTML 8Page - Linear Technology LTC4251 Datasheet HTML 9Page - Linear Technology LTC4251 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
6
425212fd
TYPICAL PERFORMANCE CHARACTERISTICS
VOS vs Temperature
(VACL + VOS)/VSS vs Temperature
IGATE (Sourcing) vs Temperature
IGATE (ACL, Sinking)
vs Temperature
IGATE (FCL, Sinking)
vs Temperature
VGATE vs Temperature
VSS vs Temperature
RSS vs Temperature
ISS (Sinking) vs Temperature
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
425212 G26
2.40
2.35
2.30
2.25
2.20
2.15
2.10
2.05
2.00
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
425212 G28
110
108
106
104
102
100
98
96
94
92
90
TEMPERATURE (°C)
–55 –35 –15
0
5
15
20
25
65
85 105
45
425212 G39
10
5
25
45
125
30
35
40
UV = OV = VSENSE = VEE
IIN = 2mA
VSS = 2V
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
425212 G29
11.0
10.8
10.6
10.4
10.2
10.0
9.8
9.6
9.4
9.2
9.0
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
425212 G30
0.060
0.058
0.056
0.054
0.052
0.050
0.048
0.046
0.044
0.042
0.040
TEMPERATURE (C)
–55
70
65
60
55
50
45
40
–15
25
45
125
425212 G10
–35
5
65
85 105
UV/0V = 4V
TIMER = 0V
VSENSE = VEE
VGATE = 0V
TEMPERATURE (°C)
–55
30
25
20
15
10
5
0
–15
25
45
125
425212 G11
–35
5
65
85 105
UV/0V = 4V
TIMER = 0V
VSENSE – VEE = 0.15V
VGATE = 3V
TEMPERATURE (°C)
–55
400
350
300
250
200
150
100
50
0
–15
25
45
125
425212 G12
–35
5
65
85 105
UV/0V = 4V
TIMER = 0V
VSENSE – VEE = 0.3V
VGATE = 1V
TEMPERATURE (°C)
–55
14.5
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
–15
25
45
125
425212 G13
–35
5
65
85 105
UV/0V = 4V
TIMER = 0V
VSENSE = VEE


Similar Part No. - LTC4251

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4251 LINER-LTC4251 Datasheet
240Kb / 20P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251 LINER-LTC4251 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
logo
Analog Devices
LTC4251 AD-LTC4251 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
LTC4251 AD-LTC4251 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
LTC4251 AD-LTC4251 Datasheet
650Kb / 22P
   No RSENSE??Electronic Circuit Breaker
11/21 Rev. A
More results

Similar Description - LTC4251

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-2 LINER-LTC4252-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-1 LINER-LTC4252A-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-2 LINER-LTC4252A-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-1 LINER-LTC4252C-1_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-2 LINER-LTC4252C-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4214-2 LINER-LTC4214-2_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com