Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4098-3.6 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4098-3.6
Description  Dual-Input Power Manager
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4098-3.6 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4098-3.6 Datasheet HTML 6Page - Linear Technology LTC4098-3.6 Datasheet HTML 7Page - Linear Technology LTC4098-3.6 Datasheet HTML 8Page - Linear Technology LTC4098-3.6 Datasheet HTML 9Page - Linear Technology LTC4098-3.6 Datasheet HTML 10Page - Linear Technology LTC4098-3.6 Datasheet HTML 11Page - Linear Technology LTC4098-3.6 Datasheet HTML 12Page - Linear Technology LTC4098-3.6 Datasheet HTML 13Page - Linear Technology LTC4098-3.6 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
LTC4155
10
4155fc
TYPICAL PERFORMANCE CHARACTERISTICS
Oscillator Frequency
vs Temperature
Automatic Charge Current
Reduction vs Battery Voltage
VBUS Current vs VBUS Voltage
in USB Suspend Mode
VOUT Voltage vs VOUT Current in
USB Suspend Mode
VBUS Current vs VOUT Current in
USB Suspend Mode
Battery Charger Resistance
vs Temperature
Normalized Float Voltage
vs Temperature
TA = 25°C (Note 2). VBUS = 5V, BATSNS = 3.7V,
DVCC = 3.3V, RCLPROG1 = RCLPROG2 = 1.21k, RPROG = 499Ω, unless otherwise noted.
TEMPERATURE (°C)
–40
50
55
60
60
4613 G10
45
40
35
–15
10
35
85
RESISTANCE INCLUDES VISHAY
SILICONIX Si5481DU EXTERNAL PMOS
BATTERY VOLTAGE (V)
2.4
0
20
40
60
80
100
120
2.7
3.0
3.3
3.6
4155 G13
100% CHARGE
CURRENT MODE
12.5% CHARGE
CURRENT MODE
VBUS VOLTAGE (V)
2.5
0
0.5
1.0
1.5
2.0
3.0
3.0
3.5
4.0
4.5
4155 G14
5.0
5.5
2.5
MAX
NOT MAX
VOUT CURRENT (mA)
0
3.9
4.0
4.1
1.5
2.5
4155 G15
3.8
3.7
3.6
0.5
1.0
2.0
4.2
4.3
4.4
VOUT CURRENT (mA)
0
1.5
2.0
2.0
4155 G16
1.0
0.5
0.5
1.0
1.5
2.5
2.5
Static DVCC Current
vs DVCC Voltage
Rising Overvoltage Lockout
Threshold vs Temperature
TEMPERATURE (°C)
–40
0.995
0.996
0.998
0.999
1.000
–10
20 35
125
4155 G11
0.997
–25
5
50 65
95 110
80
500mA MODE
100mA MODE
TEMPERATURE (°C)
2.17
2.21
2.25
2.29
2.19
2.23
2.27
–10
20
50
80
4155 G12
125
110
–25
–40
5
356595
DVCC VOLTAGE (V)
0
0.3
0.4
0.5
3
5
4155 G17
0.2
0.1
0
12
4
0.6
0.7
0.8
TEMPERATURE (°C)
6.07
6.09
6.11
6.08
6.10
6.12
–10
20
50
80
4155 G18
125
110
–25
–40
5
356595


Similar Part No. - LTC4098-3.6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4098-3.6 LINER-LTC4098-3.6 Datasheet
517Kb / 32P
   USB Compatible Switching Power Manager/LiFePO4 Charger with Overvoltage Protection
LTC4098-3.6 LINER-LTC4098-3.6_15 Datasheet
517Kb / 32P
   USB Compatible Switching Power Manager/LiFePO4 Charger with Overvoltage Protection
More results

Similar Description - LTC4098-3.6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
TPS2306 TI1-TPS2306_10 Datasheet
432Kb / 29P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
logo
Active-Semi, Inc
ACT2803 ACTIVE-SEMI-ACT2803 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2803 ACTIVE-SEMI-ACT2803_16 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
logo
NXP Semiconductors
P82CF201 PHILIPS-P82CF201 Datasheet
83Kb / 11P
   Low power, low price dual fan manager
2002 Nov 18
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804_17 Datasheet
558Kb / 23P
   5V/3.4A Dual Cell Battery Power Manager
Rev 3, Apr-17-2017
logo
Linear Technology
LTC4156EUFD LINER-LTC4156EUFD Datasheet
508Kb / 8P
   Dual Input Power Manager/3.5A LiFePO4 Battery Charger with I2C Control and USB OTG
LTC4156 LINER-LTC4156_15 Datasheet
491Kb / 52P
   Dual-Input Power Manager/ 3.5A LiFePO4 Battery Charger with I2C Control and USB OTG
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2804 ACTIVE-SEMI-ACT2804 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com