Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4098 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4098
Description  Dual-Input Power Manager
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4098 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4098 Datasheet HTML 7Page - Linear Technology LTC4098 Datasheet HTML 8Page - Linear Technology LTC4098 Datasheet HTML 9Page - Linear Technology LTC4098 Datasheet HTML 10Page - Linear Technology LTC4098 Datasheet HTML 11Page - Linear Technology LTC4098 Datasheet HTML 12Page - Linear Technology LTC4098 Datasheet HTML 13Page - Linear Technology LTC4098 Datasheet HTML 14Page - Linear Technology LTC4098 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
LTC4155
11
4155fc
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C (Note 2). VBUS = 5V, BATSNS = 3.7V,
DVCC = 3.3V, RCLPROG1 = RCLPROG2 = 1.21k, RPROG = 499Ω, unless otherwise noted.
OVP Charge Pump Output
vs Input Voltage
Undervoltage Lockout Thresholds
vs Temperature
Battery Conditioner Current vs
Battery Voltage and Temperature
Battery Drain Current
vs Battery Voltage
TEMPERATURE (°C)
–40
4.20
4.25
4.30
60
4155 G19
4.15
4.10
–15
10
35
85
4.05
4.00
3.95
RISING UVLO MAX
FALLING UVLO MAX
RISING UVLO NOT MAX
FALLING UVLO NOT MAX
INPUT VOLTAGE (V)
3.5
6
7
8
9
10
4.0
4.5
5.0
5.5
4155 G20
6.0
6.5
BATTERY VOLTAGE (V)
3.6
0
0.05
0.10
0.15
0.20
3.7
3.8
3.9
4.0
4155 G21
4.1
4.2
–45°C
–30°C
–15°C
0°C
15°C
30°C
45°C
60°C
75°C
90°C
105°C
120°C
135°C
BATTERY VOLTAGE (V)
2.4
2
3
3.6
4155 G22
1
0
2.7
3.0
3.3
4.2
3.9
4
SHIP-AND-STORE MODE, DVCC = 0V
SHIP-AND-STORE MODE, DVCC = 3.3V
DVCC = 0V
DVCC = 3.3V
CLPROG Voltage vs VBUS Current
CLPROG Voltage vs VOUT Current
VOUT Voltage vs VOUT Current
VBUS CURRENT (A)
0
0.8
1.0
1.4
1.5
2.5
4155 G23
0.6
0.4
0.5
1.0
2.0
3.0
3.5
0.2
0
1.2
3A INPUT CURRENT LIMIT MODE
VOUT CURRENT (A)
0
0.8
1.0
1.4
1.5
2.5
4155 G24
0.6
0.4
0.5
1.0
2.0
3.0
3.5
0.2
0
1.2
3A INPUT CURRENT LIMIT MODE
VOUT CURRENT (A)
0
3.8
4.0
4
4155 G33
3.6
3.4
1
2
3
4.4
3A
MODE
4.2
500mA
MODE
VBATSNS = 3.7V
BATTERY CHARGER DISABLED
900mA MODE


Similar Part No. - LTC4098

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4098 LINER-LTC4098 Datasheet
420Kb / 32P
   USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
LTC4098-1 LINER-LTC4098-1 Datasheet
420Kb / 32P
   USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
LTC4098-1 LINER-LTC4098-1_15 Datasheet
454Kb / 32P
   USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
LTC4098-3.6 LINER-LTC4098-3.6 Datasheet
517Kb / 32P
   USB Compatible Switching Power Manager/LiFePO4 Charger with Overvoltage Protection
LTC4098-3.6 LINER-LTC4098-3.6_15 Datasheet
517Kb / 32P
   USB Compatible Switching Power Manager/LiFePO4 Charger with Overvoltage Protection
More results

Similar Description - LTC4098

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
TPS2306 TI1-TPS2306_10 Datasheet
432Kb / 29P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
logo
Active-Semi, Inc
ACT2803 ACTIVE-SEMI-ACT2803 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2803 ACTIVE-SEMI-ACT2803_16 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
logo
NXP Semiconductors
P82CF201 PHILIPS-P82CF201 Datasheet
83Kb / 11P
   Low power, low price dual fan manager
2002 Nov 18
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804_17 Datasheet
558Kb / 23P
   5V/3.4A Dual Cell Battery Power Manager
Rev 3, Apr-17-2017
logo
Linear Technology
LTC4156EUFD LINER-LTC4156EUFD Datasheet
508Kb / 8P
   Dual Input Power Manager/3.5A LiFePO4 Battery Charger with I2C Control and USB OTG
LTC4156 LINER-LTC4156_15 Datasheet
491Kb / 52P
   Dual-Input Power Manager/ 3.5A LiFePO4 Battery Charger with I2C Control and USB OTG
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2804 ACTIVE-SEMI-ACT2804 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com