Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4089-5 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4089-5
Description  Dual-Input Power Manager
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4089-5 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4089-5 Datasheet HTML 2Page - Linear Technology LTC4089-5 Datasheet HTML 3Page - Linear Technology LTC4089-5 Datasheet HTML 4Page - Linear Technology LTC4089-5 Datasheet HTML 5Page - Linear Technology LTC4089-5 Datasheet HTML 6Page - Linear Technology LTC4089-5 Datasheet HTML 7Page - Linear Technology LTC4089-5 Datasheet HTML 8Page - Linear Technology LTC4089-5 Datasheet HTML 9Page - Linear Technology LTC4089-5 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
LTC4155
6
4155fc
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA ≈ TJ = 25°C (Note 2). VBUS = 5V, BATSNS = 3.7V, DVCC = 3.3V,
RCLPROG1 = RCLPROG2 = 1.21k, RPROG = 499Ω, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
hCLPROG2
(Note 4)
Ratio of Measured VBUS Current to
CLPROG2 Sense Current
2.5mA IVBUS Mode (USB Suspend)
100mA IVBUS Mode
500mA IVBUS Mode
600mA IVBUS Mode
700mA IVBUS Mode
800mA IVBUS Mode
900mA IVBUS Mode
1.00A IVBUS Mode
1.25A IVBUS Mode
1.50A IVBUS Mode
1.75A IVBUS Mode
2.00A IVBUS Mode
2.25A IVBUS Mode
2.50A IVBUS Mode
2.75A IVBUS Mode
3.00A IVBUS Mode
19
79
466
557
657
758
839
990
1222
1494
1746
1999
2175
2477
2730
2956
mA/mA
mA/mA
mA/mA
mA/mA
mA/mA
mA/mA
mA/mA
mA/mA
mA/mA
mA/mA
mA/mA
mA/mA
mA/mA
mA/mA
mA/mA
mA/mA
VCLPROG1
CLPROG1 Servo Voltage in
Current Limit
CLPROG1 IVBUS Mode
1.2
V
VCLPROG2
CLPROG2 Servo Voltage in
Current Limit
2.5mA IVBUS Mode (USB Suspend)
100mA – 3A IVBUS Modes
103
1.2
mV
V
fOSC
Switching Frequency
2.05
2.25
2.50
MHz
RPMOS
High Side Switch On Resistance
0.090
Ω
RNMOS
Low Side Switch On Resistance
0.080
Ω
RCHG
Battery Charger Current Sense
Resistance
0.040
Ω
IPEAK
Peak Inductor Current Clamp
500mA – 3A IVBUS Modes
6.7
A
Step-Up Mode PowerPath Switching Regulator (USB On-The-Go)
VBUS
Output Voltage
0mA ≤ IVBUS ≤ 500mA
4.75
5.25
V
VOUT
Input Voltage
2.9
V
IVBUSOTG
Output Current Limit
1.4
A
IVOUTOTGQ
VOUT Quiescent Current
IVBUS = 0mA
1.96
mA
VCLPROG2
Output Current Limit Servo Voltage
1.2
V
VBATSNSUVLO
VBATSNS Undervoltage Lockout
VBATSNS Falling
Hysteresis
2.65
2.8
130
2.95
V
mV
tSCFAULT
Short-Circuit Fault Delay
VBUS < 4V
7.2
ms
Overvoltage Protection, Priority Multiplexer and Undervoltage Lockout; USB Input Connected to USBSNS Through 3.6k Resistor; WALL Input
Connected to WALLSNS Through 3.6k Resistor
VUVLO
USB Input, Wall Input
Undervoltage Lockout
Rising Threshold
Falling Threshold
Hysteresis
4.05
3.90
100
4.45
4.25
V
V
mV
VDUVLO
USB Input, Wall Input to BATSNS
Differential Undervoltage Lockout
Rising Threshold
Falling Threshold
Hysteresis
100
50
70
425
375
mV
mV
mV
VOVLO
USB Input, Wall Input Overvoltage
Protection Threshold
Rising Threshold
5.75
6.0
6.3
V
VUSBGTACTV
USBGT Output Voltage Active
USBSNS < VUSBOVLO
2 • VUSBSNS
V
VWALLGTACTV
WALLGT Output Voltage Active
WALLSNS < VWALLOVLO
2 • VWALLSNS
V
VUSBGTPROT
USBGT Output Voltage Protected
USBSNS > VUSBOVLO
0V


Similar Part No. - LTC4089-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4089-5 LINER-LTC4089-5 Datasheet
393Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-5 LINER-LTC4089-5 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-5 LINER-LTC4089-5_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
More results

Similar Description - LTC4089-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
TPS2306 TI1-TPS2306_10 Datasheet
432Kb / 29P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
logo
Active-Semi, Inc
ACT2803 ACTIVE-SEMI-ACT2803 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2803 ACTIVE-SEMI-ACT2803_16 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
logo
NXP Semiconductors
P82CF201 PHILIPS-P82CF201 Datasheet
83Kb / 11P
   Low power, low price dual fan manager
2002 Nov 18
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804_17 Datasheet
558Kb / 23P
   5V/3.4A Dual Cell Battery Power Manager
Rev 3, Apr-17-2017
logo
Linear Technology
LTC4156EUFD LINER-LTC4156EUFD Datasheet
508Kb / 8P
   Dual Input Power Manager/3.5A LiFePO4 Battery Charger with I2C Control and USB OTG
LTC4156 LINER-LTC4156_15 Datasheet
491Kb / 52P
   Dual-Input Power Manager/ 3.5A LiFePO4 Battery Charger with I2C Control and USB OTG
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2804 ACTIVE-SEMI-ACT2804 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com