Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4089 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4089
Description  Dual-Input Power Manager
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4089 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4089 Datasheet HTML 4Page - Linear Technology LTC4089 Datasheet HTML 5Page - Linear Technology LTC4089 Datasheet HTML 6Page - Linear Technology LTC4089 Datasheet HTML 7Page - Linear Technology LTC4089 Datasheet HTML 8Page - Linear Technology LTC4089 Datasheet HTML 9Page - Linear Technology LTC4089 Datasheet HTML 10Page - Linear Technology LTC4089 Datasheet HTML 11Page - Linear Technology LTC4089 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
LTC4155
8
4155fc
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA ≈ TJ = 25°C (Note 2). VBUS = 5V, BATSNS = 3.7V, DVCC = 3.3V,
RCLPROG1 = RCLPROG2 = 1.21k, RPROG = 499Ω, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IIL,SDA,SCL
Input Leakage Low
SDA, SCL = 0V
–1
1
μA
VOL
Digital Output Low (SDA)
ISDA = 3mA
0.4
V
fSCL
Clock Operating Frequency
400
kHz
tBUF
Bus Free Time Between STOP and
START Condition
1.3
μs
tHD_SDA
Hold Time After (Repeated) START
Condition
0.6
μs
tSU_SDA
Repeated START Condition Set-Up
Time
0.6
μs
tSU_STO
STOP Condition Time
0.6
μs
tHD_DAT(OUT)
Data Hold Time
0
900
ns
tHD_DAT(IN)
Input Data Hold Time
0
ns
tSU_DAT
Data Set-Up Time
100
ns
tLOW
Clock LOW Period
1.3
μs
tHIGH
Clock HIGH Period
0.6
μs
tf
Clock Data Fall Time
20
300
ns
tr
Clock Data Rise Time
20
300
ns
tSP
Spike Suppression Time
50
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC4155E is tested under pulsed load conditions such that
TJ TA. The LTC4155E is guaranteed to meet performance specifications
from 0°C to 85°C junction temperature. Specifications over the
–40°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
The LTC4155I is guaranteed over the full –40°C to 125°C operating
junction temperature range. The junction temperature (TJ, in °C) is
calculated from the ambient temperature (TA, in °C) and power dissipation
(PD, in watts) according to the formula:
TJ = TA + (PD • θJA), where the package thermal impedance
θJA = 43°C/W)
Note that the maximum ambient temperature consistent with these
specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal resistance and
other environmental factors.
Note 3. VMAX is the maximum of VBUS or BATSNS
Note 4. Total input current is IVBUSQ + VCLPROG/RCLPROG • (hCLPROG + 1).


Similar Part No. - LTC4089

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4089 LINER-LTC4089 Datasheet
393Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089 LINER-LTC4089 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
logo
Analog Devices
LTC4089 AD-LTC4089 Datasheet
965Kb / 26P
   2.5A Supercapacitor Backup Power Manager
Rev A
logo
Linear Technology
LTC4089-1 LINER-LTC4089-1 Datasheet
546Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
More results

Similar Description - LTC4089

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
TPS2306 TI1-TPS2306_10 Datasheet
432Kb / 29P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
logo
Active-Semi, Inc
ACT2803 ACTIVE-SEMI-ACT2803 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2803 ACTIVE-SEMI-ACT2803_16 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
logo
NXP Semiconductors
P82CF201 PHILIPS-P82CF201 Datasheet
83Kb / 11P
   Low power, low price dual fan manager
2002 Nov 18
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804_17 Datasheet
558Kb / 23P
   5V/3.4A Dual Cell Battery Power Manager
Rev 3, Apr-17-2017
logo
Linear Technology
LTC4156EUFD LINER-LTC4156EUFD Datasheet
508Kb / 8P
   Dual Input Power Manager/3.5A LiFePO4 Battery Charger with I2C Control and USB OTG
LTC4156 LINER-LTC4156_15 Datasheet
491Kb / 52P
   Dual-Input Power Manager/ 3.5A LiFePO4 Battery Charger with I2C Control and USB OTG
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2804 ACTIVE-SEMI-ACT2804 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com