Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3853 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3853
Description  Dual, Fast, Accurate Step-Down DC/DC Controller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3853 Datasheet HTML 7Page - Linear Technology LTC3853 Datasheet HTML 8Page - Linear Technology LTC3853 Datasheet HTML 9Page - Linear Technology LTC3853 Datasheet HTML 10Page - Linear Technology LTC3853 Datasheet HTML 11Page - Linear Technology LTC3853 Datasheet HTML 12Page - Linear Technology LTC3853 Datasheet HTML 13Page - Linear Technology LTC3853 Datasheet HTML 14Page - Linear Technology LTC3853 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
LTC3838
11
3838fa
VOUTSENSE1– (Pin 13/Pin 17): Differential Output Sense
Amplifier (–) Input of Channel 1. Connect this pin to the
negative terminal of the output load capacitor of VOUT1.
SENSE1+, SENSE2+ (Pins 14, 37/Pins 18, 3):
Differential
Current Sense Comparator (+) Inputs. The ITH pin voltage
and controlled offsets between the SENSE+ and SENSE
pins set the current trip threshold. The comparator can
be used for RSENSE sensing or inductor DCR sensing. For
RSENSE sensing, Kelvin (4-wire) connect the SENSE+ pin
to the (+) terminal of RSENSE. For DCR sensing, tie the
SENSE+ pins to the connection between the DCR sense
capacitor and sense resistor tied across the inductor.
SENSE1, SENSE2(Pins 15, 36/Pins 19, 2): Differential
Current Sense Comparator (–) Input. The comparator can
be used for RSENSE sensing or inductor DCR sensing.
For RSENSE sensing, Kelvin (4-wire) connect the SENSE
pin to the (–) terminal of RSENSE. For DCR sensing, tie
the SENSEpin to the DCR sense capacitor tied to the
inductor VOUT node connection. These pins also func-
tion as output voltage sense pins for the top MOSFET
on-time adjustment. The impedance looking into these
pins is different from the SENSE+ pins because there
is an additional 500k internal resistor from each of the
SENSEpins to SGND.
DTR1, DTR2 (Pins 16, 35/Pins 20, 1): Detect Load-
Release Transient for Overshoot Reduction. When load
current suddenly drops, if voltage on this DTR pin drops
below half of INTVCC, the bottom gate (BG) could turn
off, allowing the inductor current to drop to zero faster,
thus reducing the VOUT overshoot. (Refer to Load-Release
Transient Detection in the Applications Information section
for more details.) An internal 2.5μA current source pulls
this pin toward INTVCC. To disable the DTR feature, simply
tie the DTR pin to INTVCC.
RUN1, RUN2 (Pins 17, 34/Pins 21, 38): Run Control
Inputs. An internal proportional-to-absolute-temperature
(PTAT) pull-up current source (~1.2μA at 25°C) is constantly
connected to this pin. Taking both RUN1 and RUN2 pins
below a threshold voltage (~0.8V at 25°C) shuts down all
bias of INTVCC and DRVCC and places the LTC3838 into
micropower shutdown mode. Allowing either RUN pin to
rise above this threshold would turn on the internal bias
supply and the circuitry for the particular channel. When
a RUN pin rises above 1.2V, its corresponding channel’s
TG and BG drivers are turned on and an additional 5μA
temperature-independent pull-up current is connected
internally to the RUN pin. Either RUN pin can sink up to
50μA, or be forced no higher than 6V.
PGOOD1, PGOOD2 (Pins 18, 33/Pins 22, 37): Power Good
Indicator Outputs. This open-drain logic output is pulled
to ground when the output voltage goes out of a ±7.5%
window around the regulation point, after a 50μs power-
bad-masking delay. Returning to the regulation point, there
is a much shorter delay to power good, and a hysteresis
of around 2% on both sides of the voltage window.
BOOST1, BOOST2 (Pins 19, 32/Pins 23, 36): Boosted
Floating Supplies for Top MOSFET Drivers. The (+) terminal
of the bootstrap capacitor, CB, connects to this pin. The
BOOST pins swing by a VIN between a diode drop below
DRVCC, or (DRVCC – VD) and (VIN + DRVCC – VD).
TG1, TG2 (Pins 20, 31/Pins 24, 35): Top Gate Driver
Outputs. The TG pins drive the gates of the top N-channel
power MOSFET with a voltage swing of VDRVCC between
SW and BOOST.
PIN FUNCTIONS (QFN/TSSOP)


Similar Part No. - LTC3853

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3853 LINER-LTC3853 Datasheet
414Kb / 36P
   Triple Output, Multiphase Synchronous Step-Down Controller
LTC3853 LINER-LTC3853 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3853 LINER-LTC3853 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3853 LINER-LTC3853 Datasheet
398Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3853 LINER-LTC3853 Datasheet
696Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
More results

Similar Description - LTC3853

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3838 LINER-LTC3838_15 Datasheet
726Kb / 54P
   Dual, Fast, Accurate Step- Down DC/DC Controller with Differential Output Sensing
LTC3838-2 LINER-LTC3838-2 Datasheet
5Mb / 56P
   Dual, Fast, Accurate Step-Down DC/DC Controller with External Reference Voltage
LTC3838-1 LINER-LTC3838-1_15 Datasheet
5Mb / 52P
   Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
LTC3838-1 LINER-LTC3838-1 Datasheet
5Mb / 52P
   Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
LTC3839 LINER-LTC3839 Datasheet
696Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
LTC3833 LINER-LTC3833_15 Datasheet
523Kb / 36P
   Fast Accurate Step-Down DC/DC Controller with Differential Output Sensing
LTC3838-2 LINER-LTC3838-2_15 Datasheet
5Mb / 56P
   Dual, Fast, Accurate Step-Down DC/DC Controller with xternal Reference Voltage and Dual Differential Output Sensing
LTC3861-1 LINER-LTC3861-1_15 Datasheet
1Mb / 38P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3861 LINER-LTC3861_15 Datasheet
977Kb / 38P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3861-1 LINER-LTC3861-1 Datasheet
550Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com