Electronic Components Datasheet Search |
|
LTC4211 Datasheet(PDF) 11 Page - Linear Technology |
|
LTC4211 Datasheet(HTML) 11 Page - Linear Technology |
11 / 40 page LTC4211 11 4211fb PIN FUNCTIONS (8-Lead Package/10-Lead Package) clamps at the GATE pin determine the gate drive voltage (ΔVGATE = VGATE – VCC). The charge pump produces a minimum 4.5V of ΔVGATE for supplies in the range of 2.7V ≤ VCC < 4.75V. For 4.75V ≤ VCC ≤ 12V the ΔVGATE is limited by zener clamp Z1 connected between the GATE and VCC pins. The ΔVGATE is typically at 12V and with guaranteed minimum value of 10V. For VCC > 12V, the Zener clamp Z2 begins to set the limitation for ΔVGATE. Z2 clamps the gate voltage to ground to 26V typically. The minimum Z2’s clamp voltage is 23V. This effectively sets ΔVGATE to 8V minimum at VCC = 15V. SENSE (Pin 7/Pin 8): Circuit Breaker Set Pin. With a sense resistor placed in the power path between VCC and SENSE, the LTC4211’s electronic circuit breaker trips if the voltage across the sense resistor exceeds the thresholds set inter- nally for the SLOW COMP and the FAST COMP, as shown in the Block Diagram. The threshold for the SLOW COMP is VCB(SLOW) = 50mV, and the electronic circuit breaker trips if the voltage across the sense resistor exceeds 50mV for 20μs. The SLOW COMP delay is fixed in the S8/MS8 ver- sion and adjustable in the MS version of the LTC4211. To adjust the SLOW COMP’s delay, please refer to the section on Adjusting SLOW COMP’s Response Time. Under transient conditions where large step current changes can and do occur over shorter periods of time, a second (fast) comparator instead trips the electronic circuit breaker. The threshold for the FAST COMP is set at VCB(FAST) = 150mV, and the circuit breaker trips if the voltage across the sense resistor exceeds 150mV for more than 300ns. The FAST COMP’s delay is fixed in the LTC4211 and cannot be adjusted. To disable the electronic circuit breaker, connect the VCC and SENSE pins together. VCC (Pin 8/Pin 9): This is the positive supply input to the LTC4211. The LTC4211 operates from 2.5V < VCC < 16.5V, and the supply current is typically 1mA. An internal undervoltage lockout circuit disables the device until the voltage at VCC exceeds 2.3V. FAULT (Not available on S8/MS8, Pin 10 MS): FAULT is both an input and an output. Connected to this pin are an analog comparator (COMP6) and an open-drain N-channel FET. During normal operation, if COMP6 is driven below 1.236V, the electronic circuit breaker trips and the GATE pin pulls low. Typically, a 10k pull-up resistor connects to the FAULT pin. This pull-up is required to allow the LTC4211 to begin a second timing cycle (VFAULT > 1.286) and start-up properly. This also allows the use of the FAULT pin as a status output. Under normal operating conditions, the FAULT output is a logic high. Two condi- tions cause an active low on FAULT: (1) the LTC4211’s electronic circuit breaker trips because of an output short circuit causing a fast output overcurrent transient (FAST COMP trips circuit breaker); or (2) VFILTER > 1.236V. The FAULT output is driven to logic low and is latched logic low until the ON pin is driven to logic low for 150μs (the tRESET duration). FILTER (Not available S8/MS8, Pin 3 MS): Overcurrent Fault Timing Pin and Overvoltage Fault Set pin. With a capacitor connected from this pin to ground, the SLOW COMP’s response time can be adjusted. In the S8/MS8 version of the LTC4211, the FILTER pin is not available and the delay time from overcurrent detect to GATE OFF is fixed at 20μs. |
Similar Part No. - LTC4211_12 |
|
Similar Description - LTC4211_12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |