Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3860 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3860
Description  Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3860 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3860 Datasheet HTML 7Page - Linear Technology LTC3860 Datasheet HTML 8Page - Linear Technology LTC3860 Datasheet HTML 9Page - Linear Technology LTC3860 Datasheet HTML 10Page - Linear Technology LTC3860 Datasheet HTML 11Page - Linear Technology LTC3860 Datasheet HTML 12Page - Linear Technology LTC3860 Datasheet HTML 13Page - Linear Technology LTC3860 Datasheet HTML 14Page - Linear Technology LTC3860 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
LTC3839
11
3839fa
FUNCTIONAL DIAGRAM
+
TG
BOOST
TG
DRV
VIN
UVLO
~0.8V
BG
PGND
SENSE+
SENSE
TRACK/SS
BG DRV
EN_DRV
10μA
RUN
SW
EXTVCC
INTVCC
DRVCC2
DRVCC1
~4.6V
DB
DRVCC
CB
CINTVCC
CDRVCC
COUT
CSS
3839 FD
RFB2
RFB1
VOUT
VIN
MT
MB
L
RSENSE
+
+
4.2V
+
1.2V
250k
START
STOP
250k
SENSE
VIN
+
+
+
2-5μA
PTAT
LOGIC
CONTROL
MODE/PLLIN
ONE-SHOT
TIMER
ON-TIME
ADJUST
ICMP
IREV
FORCED
CONTINUOUS
MODE
PHASE
DETECTOR
CLK1
CLK2
TO CHANNEL 2
MODE/CLK
DETECT
CLOCK PLL/
GENERATOR
DUPLICATE DASHED
LINE BOX FOR
CHANNEL 2
IN
LDO
EN
OUT SD
RT
RT
CLKOUT
PGOOD
INTVCC
RPGD
gm
gm
EA
0.6V
+
+
1μA
UV
+
+
DIFFAMP
(A = 1)
0.645V
VRNG
ITH
DTR
1/2 INTVCC
TO LOGIC
CONTROL
LOAD
RELEASE
DETECTION
0.555V
+
OV
DELAY
CITH2
CITH1
INTVCC
VOUTSENSE1+
VOUTSENSE1–
SGND
RITH2
INTVCC
RITH1
INTVCC


Similar Part No. - LTC3860

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3860 LINER-LTC3860 Datasheet
451Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Current Sharing
LTC3860 LINER-LTC3860 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3860 LINER-LTC3860 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3860 LINER-LTC3860 Datasheet
398Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3860 LINER-LTC3860 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
More results

Similar Description - LTC3860

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3839 LINER-LTC3839_15 Datasheet
701Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller with Differential Output Sensing
LTC3838 LINER-LTC3838 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
LTC3833 LINER-LTC3833_15 Datasheet
523Kb / 36P
   Fast Accurate Step-Down DC/DC Controller with Differential Output Sensing
LTC3838 LINER-LTC3838_15 Datasheet
726Kb / 54P
   Dual, Fast, Accurate Step- Down DC/DC Controller with Differential Output Sensing
LTC3838-1 LINER-LTC3838-1_15 Datasheet
5Mb / 52P
   Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
LTC3838-1 LINER-LTC3838-1 Datasheet
5Mb / 52P
   Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
LTC3838-2 LINER-LTC3838-2 Datasheet
5Mb / 56P
   Dual, Fast, Accurate Step-Down DC/DC Controller with External Reference Voltage
LTC3829 LINER-LTC3829 Datasheet
484Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3829 LINER-LTC3829_15 Datasheet
441Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com