Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3850-1 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3850-1
Description  Dual, Fast, Accurate Step-Down DC/DC Controller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3850-1 Datasheet(HTML) 5 Page - Linear Technology

  LTC3850-1 Datasheet HTML 1Page - Linear Technology LTC3850-1 Datasheet HTML 2Page - Linear Technology LTC3850-1 Datasheet HTML 3Page - Linear Technology LTC3850-1 Datasheet HTML 4Page - Linear Technology LTC3850-1 Datasheet HTML 5Page - Linear Technology LTC3850-1 Datasheet HTML 6Page - Linear Technology LTC3850-1 Datasheet HTML 7Page - Linear Technology LTC3850-1 Datasheet HTML 8Page - Linear Technology LTC3850-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
LTC3838
5
3838fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The junction temperature (TJ, in °C) is calculated from the ambient
temperature (TA, in °C) and power dissipation (PD, in Watts) according to
the formula:
TJ = TA + (PD • θJA)
where
θJA (in °C/W) is the package thermal impedance.
Note 3: The LTC3838 is tested under pulsed loading conditions such that
TJ ≈ TA. The LTC3838E is guaranteed to meet specifications over the 0°C
to 85°C operating junction temperature range. Specifications over the
–40°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
The LTC3838I is guaranteed to meet specifications over the –40°C to
125°C operating junction temperature range . Note that the maximum
ambient temperature consistent with these specifications is determined by
specific operating conditions in conjunction with board layout, the rated
package thermal impedance and other environmental factors.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 15V unless otherwise noted (Note 3).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Internal VCC Regulator
VDRVCC1
Internally Regulated DRVCC1 Voltage
6V < VIN < 38V
5.0
5.3
5.6
V
DRVCC1 Load Regulation
IDRVCC1 = 0mA to –100mA
–1.5
–3
%
VEXTVCC
EXTVCC Switchover Voltage
EXTVCC Rising
4.4
4.6
4.8
V
EXTVCC Switchover Hysteresis
200
mV
EXTVCC to DRVCC2 Voltage Drop
VEXTVCC = 5V, IDRVCC2 = –100mA
200
mV
PGood Output
OV
PGOOD Overvoltage Threshold
VFB1,2 Rising, with Respect to Regulated Voltage
5
7.5
10
%
UV
PGOOD Undervoltage Threshold
VFB1,2 Falling, with Respect to Regulated Voltage
–5
–7.5
–10
%
PGOOD Threshold Hysteresis
VFB1,2 Returning to Reference Voltage
2
%
VPGOOD(L)1,2
PGOOD Low Voltage
IPGOOD = 2mA
0.1
0.3
V
tD(PGOOD)1,2
Delay from VFB Fault (OV/UV) to PGOOD
Falling
Delay from VFB Good to PGOOD Rising
50
20
μs
μs
Note 4: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. The maximum
rated junction temperature will be exceeded when this protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability or permanently damage
the device.
Note 5: The LTC3838 is tested in a feedback loop that adjusts
(VOUTSENSE1+ – VOUTSENSE1–) or VFB2 to achieve specified error amplifier
output voltages (ITH1,2).
Note 6: Delay times are measured with top gate (TG) and bottom gate
(BG) driving minimum load, and using 50% levels.


Similar Part No. - LTC3850-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3850-1 LINER-LTC3850-1 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3850-1 LINER-LTC3850-1 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3850-1 LINER-LTC3850-1 Datasheet
398Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3850-1 LINER-LTC3850-1 Datasheet
5Mb / 52P
   Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
LTC3850-1 LINER-LTC3850-1 Datasheet
5Mb / 56P
   Dual, Fast, Accurate Step-Down DC/DC Controller with External Reference Voltage
More results

Similar Description - LTC3850-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3838 LINER-LTC3838_15 Datasheet
726Kb / 54P
   Dual, Fast, Accurate Step- Down DC/DC Controller with Differential Output Sensing
LTC3838-2 LINER-LTC3838-2 Datasheet
5Mb / 56P
   Dual, Fast, Accurate Step-Down DC/DC Controller with External Reference Voltage
LTC3838-1 LINER-LTC3838-1_15 Datasheet
5Mb / 52P
   Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
LTC3838-1 LINER-LTC3838-1 Datasheet
5Mb / 52P
   Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
LTC3839 LINER-LTC3839 Datasheet
696Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
LTC3833 LINER-LTC3833_15 Datasheet
523Kb / 36P
   Fast Accurate Step-Down DC/DC Controller with Differential Output Sensing
LTC3838-2 LINER-LTC3838-2_15 Datasheet
5Mb / 56P
   Dual, Fast, Accurate Step-Down DC/DC Controller with xternal Reference Voltage and Dual Differential Output Sensing
LTC3861-1 LINER-LTC3861-1_15 Datasheet
1Mb / 38P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3861 LINER-LTC3861_15 Datasheet
977Kb / 38P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3861-1 LINER-LTC3861-1 Datasheet
550Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com