Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3532 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3532
Description  High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3532 Datasheet(HTML) 3 Page - Linear Technology

  LTC3532 Datasheet HTML 1Page - Linear Technology LTC3532 Datasheet HTML 2Page - Linear Technology LTC3532 Datasheet HTML 3Page - Linear Technology LTC3532 Datasheet HTML 4Page - Linear Technology LTC3532 Datasheet HTML 5Page - Linear Technology LTC3532 Datasheet HTML 6Page - Linear Technology LTC3532 Datasheet HTML 7Page - Linear Technology LTC3532 Datasheet HTML 8Page - Linear Technology LTC3532 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC3780
3
3780fe
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 15V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
VOSENSE
Feedback Reference Voltage
ITH = 1.2V, –40°C ≤ T ≤ 85°C (Note 3)
–55°C ≤ T ≤ 125°C
l
l
0.792
0.792
0.800
0.800
0.808
0.811
V
V
IVOSENSE
Feedback Pin Input Current
(Note 3)
–5
–50
nA
VLOADREG
Output Voltage Load Regulation
(Note 3)
∆ITH = 1.2V to 0.7V
∆ITH = 1.2V to 1.8V
l
l
0.1
–0.1
0.5
–0.5
%
%
VREF(LINEREG)
Reference Voltage Line Regulation
VIN = 4V to 30V, ITH = 1.2V (Note 3)
0.002
0.02
%/V
gm(EA)
Error Amplifier Transconductance
ITH = 1.2V, Sink/Source = 3μA (Note 3)
0.32
mS
gm(GBW)
Error Amplifier GBW
(Note 8)
0.6
MHz
IQ
Input DC Supply Current
Normal
Standby
Shutdown Supply Current
(Note 4)
VRUN = 0V, VSTBYMD > 2V
VRUN = 0V, VSTBYMD = Open
2400
1500
55
70
μA
μA
μA
VFCB
Forced Continuous Threshold
0.76
0.800
0.84
V
IFCB
Forced Continuous Pin Current
VFCB = 0.85V
–0.30
–0.18
–0.1
μA
VBINHIBIT
Burst Inhibit (Constant Frequency)
Threshold
Measured at FCB Pin
5.3
5.5
V
UVLO
Undervoltage Reset
VIN Falling
l
3.8
4
V
VOVL
Feedback Overvoltage Lockout
Measured at VOSENSE Pin
0.84
0.86
0.88
V
ISENSE
Sense Pins Total Source Current
VSENSE– = VSENSE+ = 0V
–380
μA
VSTBYMD(START)
Start-Up Threshold
VSTBYMD Rising
0.4
0.7
V
VSTBYMD(KA)
Keep-Alive Power-On Threshold
VSTBYMD Rising, VRUN = 0V
1.25
V
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3780EG#PBF
LTC3780EG#TRPBF
LTC3780EG
24-Lead Plastic SSOP
–40°C to 85°C
LTC3780IG#PBF
LTC3780IG#TRPBF
LTC3780IG
24-Lead Plastic SSOP
–40°C to 125°C
LTC3780EUH#PBF
LTC3780EUH#TRPBF
3780
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 85°C
LTC3780IUH#PBF
LTC3780IUH#TRPBF
3780I
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3780EG
LTC3780EG#TR
LTC3780EG
24-Lead Plastic SSOP
–40°C to 85°C
LTC3780IG
LTC3780IG#TR
LTC3780IG
24-Lead Plastic SSOP
–40°C to 125°C
LTC3780MPG
LTC3780MPG#TR
LTC3780MPG
24-Lead Plastic SSOP
–55°C to 125°C
LTC3780EUH
LTC3780EUH#TR
3780
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 85°C
LTC3780IUH
LTC3780IUH#TR
3780I
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC3532

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532 Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532 Datasheet
358Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532EDD LINER-LTC3532EDD Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532EDD-PBF LINER-LTC3532EDD-PBF Datasheet
360Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
More results

Similar Description - LTC3532

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3785 LINER-LTC3785 Datasheet
259Kb / 20P
   10V, High Effi ciency, Synchronous, No RSENSE Buck-Boost Controller
LTC3785-1 LINER-LTC3785-1_15 Datasheet
224Kb / 20P
   10V, High Effi ciency, Buck-Boost Controller with Power Good
LTC3785-1 LINER-LTC3785-1 Datasheet
240Kb / 20P
   10V, High Effi ciency, Buck-Boost Controller with Power Good
LTM4605 LINER-LTM4605 Datasheet
281Kb / 24P
   High Effi ciency Buck-Boost DC/DC 關Module
LTC3780EG LINER-LTC3780EG Datasheet
556Kb / 30P
   High Efficiency, Synchronous,4-Switch Buck-Boost Controller
LTC3780 LINER-LTC3780_15 Datasheet
629Kb / 30P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780 LINER-LTC3780 Datasheet
421Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789_15 Datasheet
535Kb / 30P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789 Datasheet
491Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780EG-PBF LINER-LTC3780EG-PBF Datasheet
629Kb / 30P
   High Efficiency, Synchronous 4-Switch Buck-Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com