Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAF2453G Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # TAF2453G
Description  Dual PNP-Operational Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TAF2453G Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  TAF2453G Datasheet HTML 1Page - Siemens Semiconductor Group TAF2453G Datasheet HTML 2Page - Siemens Semiconductor Group TAF2453G Datasheet HTML 3Page - Siemens Semiconductor Group TAF2453G Datasheet HTML 4Page - Siemens Semiconductor Group TAF2453G Datasheet HTML 5Page - Siemens Semiconductor Group TAF2453G Datasheet HTML 6Page - Siemens Semiconductor Group TAF2453G Datasheet HTML 7Page - Siemens Semiconductor Group TAF2453G Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TAE 2453
TAF 2453
Semiconductor Group
6
Characteristics (TAE 2453 G)
V
S = ± 2V, RL = 10 kΩ
Parameter
Symbol
Limit Values
T
A = 25 °C
Limit Values
T
A = – 25
to 85
°C
Unit
min.
typ.
max.
min.
max.
Input offset voltage,
R
G = 50 Ω
V
IO
– 6
6
– 7.5
7.5
mV
Input offset current
Input current
I
IO
I
I
–15
40
15
150
– 100
100
200
nA
nA
Open-loop voltage gain
G
V0
70
70
dB
Absolute Maximum Ratings (TAF 2453 G)
Parameter
Symbol
Limit Values
Unit
Supply voltage
V
S
± 18
V
Output current
I
Q
100
mA
Differential input voltage
V
ID
± V
S
V
Junction temperature
Storage temperature range
T
j
T
stg
150
– 55 to 150
°C
°C
Thermal resistance
system - air
TAF 2453 G
R
th SA
170
K/W
Operating Range (TAF 2453 G)
Supply voltage
V
S
± 2 to ± 18
(
± 1.5 V with slightly
increased offset voltage)
V
Ambient temperature
T
A
– 55 to 125
°C


Similar Part No. - TAF2453G

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TAF100-EX-11 MORNSUN-TAF100-EX-11 Datasheet
498Kb / 3P
   DC input operation type analog signal isolation safety barrier
TAF100W-EX-11 MORNSUN-TAF100W-EX-11 Datasheet
1Mb / 4P
   12.5mm ULTRA-THIN ANALOG SIGNAL OUTPUT ISOLATION SAFETY BARRIER
logo
Siemens Semiconductor G...
TAF1453G SIEMENS-TAF1453G Datasheet
246Kb / 11P
   Single PNP-Operational Amplifiers
logo
Power Mate Technology C...
TAF150US12 P-DUKE-TAF150US12 Datasheet
1Mb / 5P
   2 X 4 Inch AC-DC POWER SUPPLIES
TAF150US12 P-DUKE-TAF150US12 Datasheet
1Mb / 5P
   2 X 4 Inch AC-DC POWER SUPPLIES
More results

Similar Description - TAF2453G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
   Dual Operational Amplifiers
logo
Texas Instruments
LM258A-EP TI1-LM258A-EP_14 Datasheet
514Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
   DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
   Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
   Dual Operational Amplifiers
logo
uPI Group Inc.
US5501 UPI-US5501 Datasheet
154Kb / 10P
   Dual Operational Amplifiers
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com