Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6202 Datasheet(PDF) 4 Page - Linear Technology

Part # LT6202
Description  18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6202 Datasheet(HTML) 4 Page - Linear Technology

  LT6202 Datasheet HTML 1Page - Linear Technology LT6202 Datasheet HTML 2Page - Linear Technology LT6202 Datasheet HTML 3Page - Linear Technology LT6202 Datasheet HTML 4Page - Linear Technology LT6202 Datasheet HTML 5Page - Linear Technology LT6202 Datasheet HTML 6Page - Linear Technology LT6202 Datasheet HTML 7Page - Linear Technology LT6202 Datasheet HTML 8Page - Linear Technology LT6202 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC2369-18
4
236918fa
ADC TIMING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSMPL
Maximum Sampling Frequency
l
1.6
Msps
tCONV
Conversion Time
l
360
412
ns
tACQ
Acquisition Time
tACQ = tCYC – tCONV – tBUSYLH (Note 10)
l
200
ns
tCYC
Time Between Conversions
l
625
ns
tCNVH
CNV High Time
l
20
ns
tBUSYLH
CNV↑ to BUSY Delay
CL = 20pF
l
13
ns
tCNVL
Minimum Low Time for CNV
(Note 11)
l
20
ns
tQUIET
SCK Quiet Time from CNV↑
(Note 10)
l
20
ns
tSCK
SCK Period
(Notes 11, 12)
l
10
ns
tSCKH
SCK High Time
l
4ns
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
POWER REQUIREMENTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
l
2.375
2.5
2.625
V
OVDD
Supply Voltage
l
1.71
5.25
V
IVDD
IOVDD
IPD
IPD
Supply Current
Supply Current
Power Down Mode
Power Down Mode
1.6Msps Sample Rate
1.6Msps Sample Rate (CL = 20pF)
Conversion Done (IVDD + IOVDD + IREF, VREF > 2V)
Conversion Done (IVDD + IOVDD + IREF, VREF > 2V, H-Grade)
l
l
l
7.2
0.7
0.9
0.9
8.6
90
140
mA
mA
μA
μA
PD
Power Dissipation
Power Down Mode
Power Down Mode
1.6Msps Sample Rate
Conversion Done (IVDD + IOVDD + IREF, VREF > 2V)
Conversion Done (IVDD + IOVDD + IREF, VREF > 2V, H-Grade)
18
2.25
2.25
21.5
225
315
mW
μW
μW
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
REFERENCE INPUT
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF
Reference Voltage
(Note 5)
l
2.5
5.1
V
IREF
Reference Input Current
(Note 9)
l
0.85
1.1
mA
The
l denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
DIGITAL INPUTS AND DIGITAL OUTPUTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
l 0.8 • OVDD
V
VIL
Low Level Input Voltage
l
0.2 • OVDD
V
IIN
Digital Input Current
VIN = 0V to OVDD
l
–10
10
μA
CIN
Digital Input Capacitance
5pF
VOH
High Level Output Voltage
IO = –500μA
l OVDD – 0.2
V
VOL
Low Level Output Voltage
IO = 500μA
l
0.2
V
IOZ
Hi-Z Output Leakage Current
VOUT = 0V to OVDD
l
–10
10
μA
ISOURCE
Output Source Current
VOUT = 0V
–10
mA
ISINK
Output Sink Current
VOUT = OVDD
10
mA
The
l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)


Similar Part No. - LT6202

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6202 LINER-LT6202 Datasheet
591Kb / 24P
   Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
LT6202 LINER-LT6202 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6202 LINER-LT6202 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LT6202 LINER-LT6202 Datasheet
416Kb / 24P
   16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LT6202 LINER-LT6202 Datasheet
315Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
More results

Similar Description - LT6202

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
LTC2364-18 LINER-LTC2364-18_15 Datasheet
1Mb / 24P
   18-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2367-18 LINER-LTC2367-18_15 Datasheet
1Mb / 24P
   18-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2368-18 LINER-LTC2368-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
logo
Maxim Integrated Produc...
MAX11903 MAXIM-MAX11903 Datasheet
939Kb / 29P
   18-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2015
logo
Linear Technology
LTC2364-16 LINER-LTC2364-16_15 Datasheet
527Kb / 24P
   16-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
LTC2367-16 LINER-LTC2367-16_15 Datasheet
527Kb / 24P
   16-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
LTC2368-16 LINER-LTC2368-16_15 Datasheet
2Mb / 24P
   16-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
   16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Analog Devices
AD4000 AD-AD4000_17 Datasheet
1Mb / 36P
   Precision, Pseudo Differential, SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com