Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC491 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC491
Description  20Mbps RS485 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC491 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC491 Datasheet HTML 3Page - Linear Technology LTC491 Datasheet HTML 4Page - Linear Technology LTC491 Datasheet HTML 5Page - Linear Technology LTC491 Datasheet HTML 6Page - Linear Technology LTC491 Datasheet HTML 7Page - Linear Technology LTC491 Datasheet HTML 8Page - Linear Technology LTC491 Datasheet HTML 9Page - Linear Technology LTC491 Datasheet HTML 10Page - Linear Technology LTC491 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LTC2859/LTC2861
7
285961fc
Receiver Skew
vs Temperature
Driver Skew vs Temperature
Driver Propagation Delay
vs Temperature
RTERM vs Temperature
Driver Output Low/High Voltage
vs Output Current
Driver Differential Output Voltage
vs Temperature
Receiver Propagation Delay
vs Temperature
Supply Current vs Data Rate
TA = 25°C, VCC = 5V, unless otherwise noted.
Receiver Output Voltage vs
Output Current (Source and Sink)
Typical perFormance characTerisTics
TEMPERATURE (°C)
–40
0
1
0
40
80
120
285961 G01
2
–20
20
60
100
VAB = 1.5V
CL = 15pF
TEMPERATURE (°C)
–40
0
–1
1
2
0
40
80
120
285961 G02
3
–20
20
60
100
RDIFF = 54Ω
CL = 100pF
SLO = VCC
TEMPERATURE (°C)
–40
80
285961 G03
0
40
–20
100
20
60
120
12
14
16
10
8
6
4
18
RDIFF = 54Ω
CL = 100pF
SLO = VCC
TEMPERATURE (°C)
–40
115
125
120
285961 G04
105
95
0
40
80
–20
20
60
100
135
110
120
100
130
OUTPUT CURRENT (mA)
0
10
0
2
5
20
40
50
285961 G05
1
4
3
30
60
70
VOH
VOL
TEMPERATURE (°C)
–40
3
4
5
20
60
120
285961 G06
2
1
0
–20
0
40
80 100
R = 54Ω
R = 100Ω
R =
OUTPUT CURRENT (mA)
0
3
4
5
4
285961 G07
2
1
0
1
2
3
5
SINK
SOURCE
TEMPERATURE (°C)
–40
50
60
120
285961 G08
40
30
0
40
80
–20
20
60
100
70
45
55
35
65
VAB = 1.5V
CL = 15pF
10
100
DATA RATE (Mbps)
0
20
40
60
10
30
50
285961 G09
1
0.1
R = 54Ω
R = 100Ω
R =


Similar Part No. - LTC491

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
   Differential Driver and Receiver Pair
LTC491 LINER-LTC491 Datasheet
182Kb / 12P
   Differential Driver and Receiver Pair
LTC491 LINER-LTC491 Datasheet
192Kb / 12P
   Differential Driver and Receiver Pair
LTC491C LINER-LTC491C Datasheet
236Kb / 12P
   Differential Driver and Receiver Pair
LTC491CN LINER-LTC491CN Datasheet
236Kb / 12P
   Differential Driver and Receiver Pair
More results

Similar Description - LTC491

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859 Datasheet
258Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2857-1 LINER-LTC2857-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com