Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1672 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1672
Description  Auto-Polarity, Ultralow Voltage Step-Up Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1672 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1672 Datasheet HTML 3Page - Linear Technology LT1672 Datasheet HTML 4Page - Linear Technology LT1672 Datasheet HTML 5Page - Linear Technology LT1672 Datasheet HTML 6Page - Linear Technology LT1672 Datasheet HTML 7Page - Linear Technology LT1672 Datasheet HTML 8Page - Linear Technology LT1672 Datasheet HTML 9Page - Linear Technology LT1672 Datasheet HTML 10Page - Linear Technology LT1672 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC3109
7
3109fa
PIN FUNCTIONS (DFN/SSOP)
C1B (Pin 9/Pin 11): Input to the Charge Pump and Rectifier
Circuit for Channel B. Connect a capacitor from this pin
to the secondary winding of the “B” step-up transformer.
See the Applications Information section for recommended
capacitor values.
C1A (Pin 18/Pin 20): Input to the Charge Pump and Recti-
fier Circuit for Channel A. Connect a capacitor from this pin
to the secondary winding of the “A” step-up transformer.
See the Applications Information section for recommended
capacitor values.
C2B (Pin 10/Pin 12): Input to the Gate Drive Circuit for
SWB. Connect a capacitor from this pin to the secondary
winding of the “B” step-up transformer. See the Applications
Information section for recommended capacitor values.
C2A (Pin 17/Pin 19): Input to the Gate Drive Circuit for
SWA. Connect a capacitor from this pin to the secondary
winding of the “A” step-up transformer. See the Applications
Information section for recommended capacitor values.
SWA (Pin 15/Pin 17): Connection to the Internal N-Chan-
nel Switch for Channel A. Connect this pin to the primary
winding of the “A” transformer.
SWB (Pin 12/Pin 14): Connection to the Internal N-Chan-
nel Switch for Channel B. Connect this pin to the primary
winding of the “B” transformer.
VINA (Pin 14/Pin 16): Connection to the Internal N-Channel
Switch for Channel A. Connect this pin to one side of the
input voltage source (see Typical Applications).
VINB (Pin 13/Pin 15): Connection to the Internal N-Channel
Switch for Channel B. Connect this pin to the other side of
the input voltage source (see Typical Applications).


Similar Part No. - LT1672

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1672 LINER-LT1672 Datasheet
211Kb / 12P
   2MMax, AV=>5 SINGLE, DUAL AND QUAD OVER-THE-TOP PRECISION RAIL-TO-RAIL INPUT AND OUTPUT OP AMPS
LT1672 LINER-LT1672 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
LT1672 LINER-LT1672 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LT1672 LINER-LT1672 Datasheet
220Kb / 12P
   Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1672CMS8 LINER-LT1672CMS8 Datasheet
211Kb / 12P
   2MMax, AV=>5 SINGLE, DUAL AND QUAD OVER-THE-TOP PRECISION RAIL-TO-RAIL INPUT AND OUTPUT OP AMPS
More results

Similar Description - LT1672

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3109 LINER-LTC3109 Datasheet
334Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
LTC3109 LINER-LTC3109_15 Datasheet
420Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
LTC3108 LINER-LTC3108_12 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
LTC3108-1 LINER-LTC3108-1_12 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3108 LINER-LTC3108_15 Datasheet
385Kb / 22P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3108-1 LINER-LTC3108-1_15 Datasheet
406Kb / 24P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3108 LINER-LTC3108 Datasheet
258Kb / 20P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3108 LINER-LTC3108_10 Datasheet
1Mb / 22P
   Ultralow Voltage Step-Up Converter and Power Manager
LTC3108-1 LINER-LTC3108-1 Datasheet
1Mb / 24P
   Ultralow Voltage Step-Up Converter and Power Manager
logo
TOKO, Inc
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com