Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAA762G Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # TAA762G
Description  Single Operational Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TAA762G Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  TAA762G Datasheet HTML 1Page - Siemens Semiconductor Group TAA762G Datasheet HTML 2Page - Siemens Semiconductor Group TAA762G Datasheet HTML 3Page - Siemens Semiconductor Group TAA762G Datasheet HTML 4Page - Siemens Semiconductor Group TAA762G Datasheet HTML 5Page - Siemens Semiconductor Group TAA762G Datasheet HTML 6Page - Siemens Semiconductor Group TAA762G Datasheet HTML 7Page - Siemens Semiconductor Group TAA762G Datasheet HTML 8Page - Siemens Semiconductor Group TAA762G Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TAA 762
TAA 765
Semiconductor Group
4
Characteristics (TAA 762)
V
S = ± 5 V to ± 15 V; RL = 2 kΩ,
unless otherwise specified
Parameter
Symbol
Limit Values
T
A = 25 °C
Limit Values
T
A = – 55
to 125
°C
Unit
min.
typ.
max.
min.
max.
Open-loop supply
current consumption
I
S
1.5
2.5
2.5
mA
Input offset voltage
R
G = 50 Ω
V
IO
–4
4
– 6
6
mV
Input offset current
Input current
I
IO
I
I
– 100
± 50
0.3
100
0.7
– 300
300
1.0
nA
µA
Control range
V
S = ± 15 V
R
L = 620 Ω, VS = ± 15 V
V
S = ± 15 V, f = 100 kHz
V
Qpp
V
Qpp
V
Qpp
14.9
14.9
± 10
–14
– 12.5
14.8
14.8
–14
–12
V
V
V
Input impedance
f = 1 kHz
Z
I
200
k
Open-loop voltage gain
f = 1 kHz
R
L = 10 kΩ, f = 1 kHz
f = 1 MHz
G
V0
G
V0
G
V0
85
87
92
43
80
dB
dB
dB
Output reverse current
I
QR
15
µA
Common-mode
input voltage range
V
IC
V
S +2
V
S –2
V
S +3
V
S –3
V
Common-mode
rejection
k
CMR
80
85
75
dB
Supply voltage
rejection
G
V = 100
k
SVR
25
200
200
µV/V


Similar Part No. - TAA762G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TAA761 ETC2-TAA761 Datasheet
155Kb / 3P
   jeonjapa ganseob
TAA761A ETC2-TAA761A Datasheet
155Kb / 3P
   jeonjapa ganseob
TAA761W ETC2-TAA761W Datasheet
155Kb / 3P
   jeonjapa ganseob
TAA765 ETC2-TAA765 Datasheet
155Kb / 3P
   jeonjapa ganseob
TAA765A ETC2-TAA765A Datasheet
155Kb / 3P
   jeonjapa ganseob
More results

Similar Description - TAA762G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1741 PANASONIC-AN1741 Datasheet
110Kb / 4P
   Single Operational Amplifiers
logo
Siemens Semiconductor G...
TBA221 SIEMENS-TBA221 Datasheet
317Kb / 9P
   Single Operational Amplifiers
logo
National Semiconductor ...
MJLM108A-X NSC-MJLM108A-X Datasheet
440Kb / 19P
   OPERATIONAL AMPLIFIERS (SINGLE)
logo
STMicroelectronics
LM201ADT STMICROELECTRONICS-LM201ADT Datasheet
227Kb / 11P
   SINGLE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2211IDBVRG4 TI1-TLV2211IDBVRG4 Datasheet
713Kb / 31P
[Old version datasheet]   MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Siemens Semiconductor G...
TAE1453 SIEMENS-TAE1453 Datasheet
246Kb / 11P
   Single PNP-Operational Amplifiers
logo
Linear Technology
LT1818 LINER-LT1818 Datasheet
380Kb / 16P
   Single/Dual Operational Amplifiers
logo
Texas Instruments
TLV2711CDBVR TI1-TLV2711CDBVR Datasheet
813Kb / 32P
[Old version datasheet]   MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com