Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2857 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2857
Description  20Mbps RS485 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2857 Datasheet(HTML) 2 Page - Linear Technology

  LTC2857 Datasheet HTML 1Page - Linear Technology LTC2857 Datasheet HTML 2Page - Linear Technology LTC2857 Datasheet HTML 3Page - Linear Technology LTC2857 Datasheet HTML 4Page - Linear Technology LTC2857 Datasheet HTML 5Page - Linear Technology LTC2857 Datasheet HTML 6Page - Linear Technology LTC2857 Datasheet HTML 7Page - Linear Technology LTC2857 Datasheet HTML 8Page - Linear Technology LTC2857 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC2859/LTC2861
2
285961fc
Supply Voltage (VCC) ................................... –0.3V to 7V
Logic Input Voltages (RE, DE, DI, TE, SLO).... –0.3V to 7V
Interface I/O:
A, B, Y, Z.......................................(VCC –15V) to +15V
(A-B) or (B-A) with Terminator Enabled ..................6V
Receiver Output Voltage (RO) ........–0.3V to (VCC +0.3V)
(Note 1)
Operating Temperature (Note 4)
LTC2859C, LTC2861C.............................. 0°C to 70°C
LTC2859I, LTC2861I ............................–40°C to 85°C
LTC2859H.......................................... –40°C to 105°C
Storage Temperature Range .................. –65°C to 125°C
Lead Temperature (Soldering, 10 sec)
GN Package ......................................................300°C
TOP VIEW
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
VCC
B
A
SLO
GND
RO
RE
DE
DI
TE
11
EXPOSED PAD (PIN 11) PCB GND CONNECTION
TJMAX = 125°C, θJA = 43°C/W
θJC = 3°C/W
12
11
10
9
8
7
1
2
3
4
5
6
VCC
A
B
Z
Y
SLO
RO
RE
DE
DI
TE
GND
TOP VIEW
DE PACKAGE
12-LEAD (4mm × 3mm) PLASTIC DFN
13
EXPOSED PAD (PIN 13) PCB GND CONNECTION
TJMAX = 125°C, θJA = 43°C/W
θJC = 4.3°C/W
RO
RE
DE
DI
TE
GND
NC
NC
VCC
B
Z
SLO
NC
NC
A
Y
GN PACKAGE
16-LEAD (NARROW 0.150) PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
TJMAX = 125°C, θJA = 110°C/W
θJC = 40°C/W
orDer inFormaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2861CDE#PBF
LTC2861CDE#TRPBF
2861
12-Lead (4mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2861IDE#PBF
LTC2861IDE#TRPBF
2861
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC2861CGN#PBF
LTC2861CGN#TRPBF
2861
16-Lead Plastic SSOP
0°C to 70°C
LTC2861IGN#PBF
LTC2861IGN#TRPBF
2861I
16-Lead Plastic SSOP
–40°C to 85°C
LTC2859CDD#PBF
LTC2859CDD#TRPBF
LBNX
10-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2859IDD#PBF
LTC2859IDD#TRPBF
LBNX
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC2859HDD#PBF
LTC2859HDD#TRPBF
LBNX
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 105°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
absoluTe maximum raTinGs
pin conFiGuraTion


Similar Part No. - LTC2857

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2857 LINER-LTC2857 Datasheet
1Mb / 32P
   짹60V Rugged PROFIBUS RS485 Transceivers
LTC2857-1 LINER-LTC2857-1 Datasheet
233Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2857-1 LINER-LTC2857-1 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2857-1 LINER-LTC2857-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2857-2 LINER-LTC2857-2 Datasheet
233Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
More results

Similar Description - LTC2857

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859 Datasheet
258Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2857-1 LINER-LTC2857-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com