Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1865 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1865
Description  Serial 12-Bit/14-Bit, 2.8Msps
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1865 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1865 Datasheet HTML 4Page - Linear Technology LTC1865 Datasheet HTML 5Page - Linear Technology LTC1865 Datasheet HTML 6Page - Linear Technology LTC1865 Datasheet HTML 7Page - Linear Technology LTC1865 Datasheet HTML 8Page - Linear Technology LTC1865 Datasheet HTML 9Page - Linear Technology LTC1865 Datasheet HTML 10Page - Linear Technology LTC1865 Datasheet HTML 11Page - Linear Technology LTC1865 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LTC1403-1/LTC1403A-1
8
14031fc
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, VDD = 3V (LTC1403-1 and LTC1403A-1)
Reference Voltage vs Load
Current
Reference Voltage vs VDD
VDD Supply Current vs
Conversion Rate
2.5VP-P Power Bandwidth
CMRR vs Frequency
PSRR vs Frequency
FREQUENCY (Hz)
1M
10M
100M
1G
–18
–12
–6
0
14031 G12
–24
–30
–36
6
12
FREQUENCY (Hz)
100
0
–20
–40
–60
–80
–100
–120
1k
10k
100k
1M
14031 G13
10M 100M
FREQUENCY (Hz)
1
10
–50
–45
–40
–35
–30
100
1k
10k
100k
1M
14031 G14
–55
–60
–65
–70
–25
LOAD CURRENT (mA)
0.4
0.8
1.2
1.6
14031 G15
2.0
0.2
0
0.6
1.0
1.4
1.8
2.4890
2.4894
2.4898
2.4902
2.4892
2.4896
2.4900
VDD (V)
2.4890
2.4894
2.4898
2.4902
2.4892
2.4896
2.4900
2.8
3.0
3.2
3.4
14031 G16
2.6
3.6
CONVERSION RATE (Msps)
0
2.0
1.6
1.2
0.8
0.4
2.8 3.2
2.4
3.6 4.0
14031 G17
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0


Similar Part No. - LTC1865

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1865 LINER-LTC1865 Datasheet
376Kb / 20P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865 LINER-LTC1865 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC1865 LINER-LTC1865 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC1865 LINER-LTC1865 Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865 LINER-LTC1865 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
More results

Similar Description - LTC1865

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403-1 LINER-LTC1403-1 Datasheet
416Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403A LINER-LTC1403A_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403 Datasheet
323Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403-1 LINER-LTC1403-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_12 Datasheet
358Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps
logo
Analog Devices
AD7242 AD-AD7242 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
logo
Linear Technology
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com