Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT5527 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5527
Description  Dual 14-Bit 250Msps
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5527 Datasheet(HTML) 5 Page - Linear Technology

  LT5527 Datasheet HTML 1Page - Linear Technology LT5527 Datasheet HTML 2Page - Linear Technology LT5527 Datasheet HTML 3Page - Linear Technology LT5527 Datasheet HTML 4Page - Linear Technology LT5527 Datasheet HTML 5Page - Linear Technology LT5527 Datasheet HTML 6Page - Linear Technology LT5527 Datasheet HTML 7Page - Linear Technology LT5527 Datasheet HTML 8Page - Linear Technology LT5527 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5
21576514fa
LTC2157-14/
LTC2156-14/LTC2155-14
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL DATA OUTPUTS
VOD
Differential Output Voltage
100Ω Differential Load, 3.5mA Mode
100Ω Differential Load, 1.75mA Mode
l
l
247
125
350
175
454
250
mV
mV
VOS
Common Mode Output Voltage
100Ω Differential Load, 3.5mA Mode
100Ω Differential Load, 1.75mA Mode
l
l
1.125
1.125
1.250
1.250
1.375
1.375
V
V
RTERM
On-Chip Termination Resistance
Termination Enabled, OVDD = 1.8V
100
Ω
DIGITAL INPUTS AND OUTPUTS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 5)
TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
LTC2157-14
LTC2156-14
LTC2155-14
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
fS
Sampling Frequency
(Note 9)
l
10
250
10
210
10
170
MHz
tL
ENC Low Time (Note 8)
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
1.9
1.5
2
2
50
50
2.26
1.5
2.38
2.38
50
50
2.79
1.5
2.94
2.94
50
50
ns
ns
tH
ENC High Time (Note 8)
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
1.9
1.5
2
2
50
50
2.26
1.5
2.38
2.38
50
50
2.79
1.5
2.94
2.94
50
50
ns
ns
DIGITAL DATA OUTPUTS
SYMBOL
PARAMETER
CONDITIONS
LTC215X-14
MIN
TYP
MAX
UNITS
tD
ENC to Data Delay
CL = 5pF (Note 8)
l
1.7
2
2.3
ns
tC
ENC to CLKOUT Delay
CL = 5pF (Note 8)
l
1.3
1.6
2
ns
tSKEW
DATA to CLKOUT Skew
tD – tC (Note 8)
l
0.3
0.4
0.55
ns
Pipeline Latency
5
5
Cycles
SPI Port Timing (Note 8)
tSCK
SCK Period
Write Mode
Readback Mode CSDO= 20pF, RPULLUP = 2k
l
l
40
250
ns
ns
tS
CS to SCK Set-Up Time
l
5ns
tH
SCK to CS Hold Time
l
5ns
tDS
SDI Set-Up Time
l
5ns
tDH
SDI Hold Time
l
5ns
tDO
SCK Falling to SDO Valid
Readback Mode, CSDO = 20pF, RPULLUP = 2k
l
125
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND with GND and OGND
shorted (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: When these pin voltages are taken below GND they will be
clamped by internal diodes. When these pin voltages are taken above VDD
they will not be clamped by internal diodes. This product can handle input
currents of greater than 100mA below GND without latchup.
Note 5: VDD = OVDD = 1.8V, fSAMPLE = 250MHz (LTC2157),
210MHz (LTC2156), or 170MHz (LTC2155), differential ENC+/ENC= 2VP-P
sine wave, input range = 1.5VP-P with differential drive, unless otherwise noted.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
best fit straight line to the transfer curve. The deviation is measured from
the center of the quantization band.
Note 7: Offset error is the offset voltage measured from –0.5LSB when the
output code flickers between 00 0000 0000 0000 and 11 1111 1111 1111
in 2’s complement output mode.
Note 8: Guaranteed by design, not subject to test.
Note 9: Recommended operating conditions.


Similar Part No. - LT5527

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5527 LINER-LT5527 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5527 LINER-LT5527 Datasheet
197Kb / 16P
   400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
LT5527 LINER-LT5527 Datasheet
355Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LT5527 LINER-LT5527 Datasheet
1,000Kb / 36P
   300MHz Digital Predistortion Receiver
LT5527 LINER-LT5527 Datasheet
187Kb / 16P
   400MHz to 3.7GHz 5V High Signal Level
More results

Similar Description - LT5527

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2155-14 LINER-LTC2155-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2156-14 LINER-LTC2156-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Linear Technology
LTC2157-14 LINER-LTC2157-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
logo
Intersil Corporation
ISLA224P INTERSIL-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Linear Technology
LTC2152-14 LINER-LTC2152-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2150-14 LINER-LTC2150-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2123 LINER-LTC2123_15 Datasheet
879Kb / 50P
   Dual 14-Bit 250Msps ADC with JESD204B Serial Outputs
LTC2152-14 LINER-LTC2152-14 Datasheet
4Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
logo
Intersil Corporation
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com