Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM67Q709A Datasheet(PDF) 10 Page - Motorola, Inc

Part # MCM67Q709A
Description  128K x 9 Bit Separate I/O Synchronous Fast Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM67Q709A Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MCM67Q709A Datasheet HTML 2Page - Motorola, Inc MCM67Q709A Datasheet HTML 3Page - Motorola, Inc MCM67Q709A Datasheet HTML 4Page - Motorola, Inc MCM67Q709A Datasheet HTML 5Page - Motorola, Inc MCM67Q709A Datasheet HTML 6Page - Motorola, Inc MCM67Q709A Datasheet HTML 7Page - Motorola, Inc MCM67Q709A Datasheet HTML 8Page - Motorola, Inc MCM67Q709A Datasheet HTML 9Page - Motorola, Inc MCM67Q709A Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MCM67Q709A
10
MOTOROLA FAST SRAM
Full Part Numbers — MCM67Q709AZP10
MCM67Q709AZP10R
Motorola Memory Prefix
Part Number
Package (ZP = PBGA)
Shipping Method (R = Tape and Reel,
Blank = Trays)
Speed (10 = 10 ns)
MCM
67Q709A
XX
XX
X
ORDERING INFORMATION
(Order by Full Part Number)
ZP PACKAGE
86 PBGA
CASE 896A–02
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
R
N
E
C
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
G
H
J
K
DIM
A
MIN
MAX
MIN
MAX
INCHES
17.78 BSC
0.700 BSC
MILLIMETERS
B
16.26 BSC
0.640 BSC
C
1.84
2.44
0.073
0.096
D
0.69
0.81
0.028
0.031
E
1.33
1.73
0.053
0.068
G
1.524 BSC
0.060 BSC
N
13.80
14.20
0.544
0.559
P
0.762 BSC
0.030 BSC
R
15.29
15.69
0.602
0.617
4X
–L–
A
B
–W–
0.15 (0.006) T
0.25 (0.010) T
0.35 (0.014) T
–T–
CL
CL
0.20 (0.008)
S
L
S
0.30 (0.012)
W S
T
S
0.10 (0.004)
D
86X
P
G
G
PACKAGE DIMENSIONS
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 141,
P.O. Box 5405, Denver, Colorado, 80217. 1-303-675-2140 or 1-800-441-2447
4-32-1 Nishi-Gotanda, Shagawa-ku, Tokyo, Japan. 03-5487-8488
Mfax
™ : RMFAX0@email.sps.mot.com – TOUCHTONE 1-602-244-6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
Motorola Fax Back System
– US & Canada ONLY 1-800-774-1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
– http://sps.motorola.com /mfax /
HOME PAGE : http://motorola.com /sps /
CUSTOMER FOCUS CENTER: 1-800-521-6274
MCM67Q709A/D


Similar Part No. - MCM67Q709A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67Q909 MOTOROLA-MCM67Q909 Datasheet
139Kb / 10P
   512K x 9 Bit Separate I/O Synchronous Fast Static RAM
MCM67Q909ZP12 MOTOROLA-MCM67Q909ZP12 Datasheet
139Kb / 10P
   512K x 9 Bit Separate I/O Synchronous Fast Static RAM
MCM67Q909ZP12R MOTOROLA-MCM67Q909ZP12R Datasheet
139Kb / 10P
   512K x 9 Bit Separate I/O Synchronous Fast Static RAM
More results

Similar Description - MCM67Q709A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67Q909 MOTOROLA-MCM67Q909 Datasheet
139Kb / 10P
   512K x 9 Bit Separate I/O Synchronous Fast Static RAM
MCM67D709 MOTOROLA-MCM67D709 Datasheet
175Kb / 12P
   128K x 9 Bit Synchronous Dual I/O Fast Static RAM
MCM62110 MOTOROLA-MCM62110 Datasheet
206Kb / 12P
   32K x 9 Bit Synchronous Dual I/O or Separate I/O Fast Static RAM with Parity Checker
logo
Toshiba Semiconductor
TC554101J-20 TOSHIBA-TC554101J-20 Datasheet
433Kb / 8P
   1,048,576 WORD x 4 BIT SEPARATE I/O CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C1001 CYPRESS-CY7C1001 Datasheet
587Kb / 9P
   256K x 4 Static RAM with Separate I/O
logo
Motorola, Inc
MCM63P733A MOTOROLA-MCM63P733A Datasheet
238Kb / 16P
   128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737 MOTOROLA-MCM69P737 Datasheet
279Kb / 20P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
logo
Cypress Semiconductor
CY7C192 CYPRESS-CY7C192 Datasheet
175Kb / 10P
   64K x 4 Static RAM with Separate I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com