Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3890 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3890
Description  High Voltage Surge
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3890 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3890 Datasheet HTML 2Page - Linear Technology LTC3890 Datasheet HTML 3Page - Linear Technology LTC3890 Datasheet HTML 4Page - Linear Technology LTC3890 Datasheet HTML 5Page - Linear Technology LTC3890 Datasheet HTML 6Page - Linear Technology LTC3890 Datasheet HTML 7Page - Linear Technology LTC3890 Datasheet HTML 8Page - Linear Technology LTC3890 Datasheet HTML 9Page - Linear Technology LTC3890 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT4363
6
4363fa
TYPICAL PERFORMANCE CHARACTERISTICS
Overvoltage TMR Current vs
(VCC – VOUT)
Overcurrent TMR Current vs
(VCC – VOUT)
Warning Period TMR Current
vs VCC
TMR Pull-Down Current vs
Temperature
TMR Pull-Up Current (Cool Down)
vs Temperature
Output Low Voltage vs Current
Gate Drive at Temperature
(ΔVGATE vs Temperature)
Gate Drive vs Supply Voltage
(ΔVGATE vs VCC)
TMR High Threshold vs
Supply Voltage
Specifications are at VCC = 12V, TA = 25°C, unless
otherwise noted.
TEMPERATURE (°C)
–50
14
13
11
12
10
0
50
–25
25
100
4363 G10
125
75
VCC = SNS = OUT
IGATE = –1µA
IGATE = 0µA
VCC (V)
0
16
10
8
14
12
6
4
2
0
4363 G11
80
70
60
20
8
16
4
12
VCC = SNS = OUT
IGATE = 0µA
IGATE = 1µA
VCC (V)
0
5
4
3
2
1
4363 G12
80
70
60
50
20
40
10
30
VCC – VOUT (V)
0
50
40
30
20
10
0
4363 G13
80
70
60
50
20
40
10
30
TMR = 1V
VCC – VOUT (V)
0
260
220
160
120
80
40
0
4363 G14
80
70
60
50
20
40
10
30
TMR = 1V
VCC (V)
0
2.5
2.0
1.5
1.0
0.5
0
4363 G15
80
70
60
50
20
40
10
30
∆VDS = 0.5V
TEMPERATURE (°C)
–50
2.4
2.0
1.2
1.6
0.4
0.8
0
0
50
–25
25
100
4363 G16
125
75
TMR = 1V
TEMPERATURE (°C)
–50
3.0
2.5
1.5
2.0
0.5
1.0
0
0
50
–25
25
100
4363 G17
125
75
TMR = 3V
ISINK (mA)
0
6
5
4
3
2
1
0
4363 G18
3.0
2.5
2.0
1.5
1.0
0.5
OUT = SNS = 3V


Similar Part No. - LTC3890

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3890 LINER-LTC3890 Datasheet
441Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890 LINER-LTC3890 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890 LINER-LTC3890 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3890 LINER-LTC3890 Datasheet
920Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3890 LINER-LTC3890 Datasheet
598Kb / 44P
   Triple Output, Buck/Buck/Boost Synchronous Controller with 28關A Burst Mode IQ
More results

Similar Description - LTC3890

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4366 LINER-LTC4366 Datasheet
296Kb / 24P
   High Voltage Surge Stopper
logo
Shanghai Leiditech Elec...
LB145F LEIDITECH-LB145F Datasheet
1Mb / 2P
   High voltage surge capabilities
logo
Token Electronics Indus...
RI80 TOKEN-RI80 Datasheet
607Kb / 6P
   High Voltage Surge Resistor
logo
List of Unclassifed Man...
SUR25 ETC2-SUR25 Datasheet
682Kb / 1P
   HIGH VOLTAGE SURGE RESISTORS
logo
Linear Technology
LTC4366-1 LINER-LTC4366-1_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
LTC4366-2 LINER-LTC4366-2_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
logo
RFE international
SUR RFE-SUR Datasheet
15Mb / 2P
   HIGH VOLTAGE ANTI-SURGE RESISTORS
2023.01.09
logo
Linear Technology
LTC4366HTS8-1 LINER-LTC4366HTS8-1 Datasheet
461Kb / 6P
   Very High Voltage Surge Stopper
logo
ON Semiconductor
NP0640SXT3G ONSEMI-NP0640SXT3G Datasheet
52Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
logo
AVX Corporation
CL057K0682 AVX-CL057K0682 Datasheet
262Kb / 4P
   High Surge Voltage SMD Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com