Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3991 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3991
Description  42V, 2.5A Synchronous Step-Down Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3991 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3991 Datasheet HTML 6Page - Linear Technology LT3991 Datasheet HTML 7Page - Linear Technology LT3991 Datasheet HTML 8Page - Linear Technology LT3991 Datasheet HTML 9Page - Linear Technology LT3991 Datasheet HTML 10Page - Linear Technology LT3991 Datasheet HTML 11Page - Linear Technology LT3991 Datasheet HTML 12Page - Linear Technology LT3991 Datasheet HTML 13Page - Linear Technology LT3991 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT8611
10
8611p
BLOCK DIAGRAM
IMON (Pin 23): Proportional-to-Current Monitor Output.
This pin sources a voltage 20 times the voltage between
the ISP and ISN pins such that:
VIMON = 20 • (VISP-VISN).
IMON can source 200μA and sink 10μA. Float IMON if
unused.
ICTRL (Pin 24): Current Adjustment Pin. ICTRL adjusts
the maximum ISP-ISN drop before the LT8611 reduces
output current. Connect directly to INTVCC or float for
full-scale ISP-ISN threshold of 50mV or apply values
between GND and 1V to modulate current limit. There is
an internal 1.4μA pull-up current on this pin. Float or tie
to INTVCC when unused.
GND (Exposed Pad Pin 25): Ground. The exposed pad
must be connected to the negative terminal of the input
capacitor and soldered to the PCB in order to lower the
thermal resistance.
PIN FUNCTIONS
+
+
SLOPE COMP
INTERNAL 0.97V REF
OSCILLATOR
200kHz TO 2.2MHz
BURST
DETECT
3.4V
REG
M1
M2
CBST
CF
8611 BD
SW
L
BST
13-15
SWITCH
LOGIC
AND
ANTI-
SHOOT
THROUGH
ERROR
AMP
SHDN
±9%
VC
SHDN
TSD
INTVCC UVLO
VIN UVLO
SHDN
TSD
VIN UVLO
EN/UV
1V
+
+
4
6
ISP
R
20R
VOUT
RSEN
ICTRL
1
21
ISN
1.0V
R
22
24
25
IMON
GND
23
INTVCC
17
BIAS
18
PGND
7, 8
PG
19
FB
R1
C1
R3
OPT
R4
OPT
R2
RT
CSS
(OPT)
VOUT
20
TR/SS
2.2μA
2
RT
3
SYNC
1
VIN
VIN
CIN
CVCC
5, 6
1.4μA
COUT


Similar Part No. - LT3991

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3991 LINER-LT3991 Datasheet
314Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8 Quiescent Current
LT3991 LINER-LT3991 Datasheet
2Mb / 28P
   36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
LT3991 LINER-LT3991 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3991 LINER-LT3991 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LT3991 LINER-LT3991 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
More results

Similar Description - LT3991

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
LT8610 LINER-LT8610_15 Datasheet
306Kb / 22P
   42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
logo
National Semiconductor ...
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
   42V, 2.5A STEP-DOWN SWITCHING REGULATOR
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
   42V, 2.5A Step-Down Switching Regulator
logo
Linear Technology
LT8610A LINER-LT8610A_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC LINER-LT8610AC_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
logo
Texas Instruments
LM25005 TI-LM25005_15 Datasheet
949Kb / 28P
[Old version datasheet]   LM25005 42V, 2.5A Step-Down Switching Regulator
logo
Linear Technology
LT8611 LINER-LT8611_15 Datasheet
350Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator with Current Sense and 2.5A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com