Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2913 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2913
Description  High Voltage Surge
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 2 Page - Linear Technology

  LTC2913 Datasheet HTML 1Page - Linear Technology LTC2913 Datasheet HTML 2Page - Linear Technology LTC2913 Datasheet HTML 3Page - Linear Technology LTC2913 Datasheet HTML 4Page - Linear Technology LTC2913 Datasheet HTML 5Page - Linear Technology LTC2913 Datasheet HTML 6Page - Linear Technology LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT4363
2
4363fa
ABSOLUTE MAXIMUM RATINGS
VCC, SHDN, UV, OV................................... –60V to 100V
SNS, OUT................................................. –0.3V to 100V
SNS to OUT................................................. –30V to 30V
GATE (Note 3) ..................................–0.3V to SNS + 10V
ENOUT, FLT .............................................. –0.3V to 100V
FB ............................................................. –0.3V to 5.5V
TMR......................................................................0.5mA
(Notes 1, 2)
LT4363-1
LT4363-1
LT4363-1
12
11
10
9
8
7
13
GND
1
2
3
4
5
6
TMR
ENOUT
FLT
GND
UV
GND
FB
OUT
SNS
GATE
VCC
SHDN
TOP VIEW
DE PACKAGE
12-LEAD (4mm
× 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 13) IS GND, CONNECTION TO PCB
OPTIONAL
1
2
3
4
5
6
FB
OUT
SNS
GATE
VCC
SHDN
12
11
10
9
8
7
TMR
ENOUT
FLT
GND
UV
GND
TOP VIEW
MS PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 135°C/W
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT
SNS
NC
GATE
NC
VCC
NC
SHDN
FB
TMR
NC
ENOUT
FLT
GND
UV
GND
TJMAX = 125°C, θJA = 80°C/W
LT4363-2
LT4363-2
LT4363-2
12
11
10
9
8
7
13
GND
1
2
3
4
5
6
TMR
ENOUT
FLT
GND
UV
OV
FB
OUT
SNS
GATE
VCC
SHDN
TOP VIEW
DE PACKAGE
12-LEAD (4mm
× 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 13) IS GND, CONNECTION TO PCB
OPTIONAL
1
2
3
4
5
6
FB
OUT
SNS
GATE
VCC
SHDN
12
11
10
9
8
7
TMR
ENOUT
FLT
GND
UV
OV
TOP VIEW
MS PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 135°C/W
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT
SNS
NC
GATE
NC
VCC
NC
SHDN
FB
TMR
NC
ENOUT
FLT
GND
UV
OV
TJMAX = 125°C, θJA = 80°C/W
PIN CONFIGURATION
Operating Temperature Range
LT4363C .................................................. 0°C to 70°C
LT4363I................................................–40°C to 85°C
Storage Temperature Range
DE12 .................................................. –65°C to 125°C
MS, SO .............................................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MS, SO .............................................................300°C


Similar Part No. - LTC2913

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2913 LINER-LTC2913 Datasheet
374Kb / 16P
   UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC2913 LINER-LTC2913 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
More results

Similar Description - LTC2913

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4366 LINER-LTC4366 Datasheet
296Kb / 24P
   High Voltage Surge Stopper
logo
Shanghai Leiditech Elec...
LB145F LEIDITECH-LB145F Datasheet
1Mb / 2P
   High voltage surge capabilities
logo
Token Electronics Indus...
RI80 TOKEN-RI80 Datasheet
607Kb / 6P
   High Voltage Surge Resistor
logo
List of Unclassifed Man...
SUR25 ETC2-SUR25 Datasheet
682Kb / 1P
   HIGH VOLTAGE SURGE RESISTORS
logo
Linear Technology
LTC4366-1 LINER-LTC4366-1_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
LTC4366-2 LINER-LTC4366-2_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
logo
RFE international
SUR RFE-SUR Datasheet
15Mb / 2P
   HIGH VOLTAGE ANTI-SURGE RESISTORS
2023.01.09
logo
Linear Technology
LTC4366HTS8-1 LINER-LTC4366HTS8-1 Datasheet
461Kb / 6P
   Very High Voltage Surge Stopper
logo
ON Semiconductor
NP0640SXT3G ONSEMI-NP0640SXT3G Datasheet
52Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
logo
AVX Corporation
CL057K0682 AVX-CL057K0682 Datasheet
262Kb / 4P
   High Surge Voltage SMD Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com