Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3783 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3783
Description  Full-Featured LED Driver with 1.5A Switch Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3783 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3783 Datasheet HTML 5Page - Linear Technology LTC3783 Datasheet HTML 6Page - Linear Technology LTC3783 Datasheet HTML 7Page - Linear Technology LTC3783 Datasheet HTML 8Page - Linear Technology LTC3783 Datasheet HTML 9Page - Linear Technology LTC3783 Datasheet HTML 10Page - Linear Technology LTC3783 Datasheet HTML 11Page - Linear Technology LTC3783 Datasheet HTML 12Page - Linear Technology LTC3783 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3517
9
3517ff
APPLICATIONS INFORMATION
than 1V, the LED current is:
ILED =
VCTRL
10 • RSENSE
(2)
When VCTRL is higher than 1V, the LED current is clamped
to be:
ILED =
100mV
RSENSE
(3)
The LED current programming feature possibly increases
total dimming range by a factor of ten.
The CTRL pin should not be left open (tie to VREF if not
used). The CTRL pin can also be used in conjunction with
a PTC thermistor to provide overtemperature protection
for the LED load.
For a buck or a buck-boost configuration, the output
voltage is typically level-shifted to a signal with respect
to GND, as illustrated in the Figure 4. The output can be
expressed as:
VOUT =
R1
R2
• 1.01V
+ VBE(Q1)
(5)
49.9k
3517 F02
45.3k
2V
VREF
5k
PTC
CTRL
Figure 2
Setting Output Voltage
For a boost application, the output voltage can be set by
selecting the values of R1 and R2 (see Figure 3) according
to the following equation:
VOUT =
R1
R2
+1
⎟ •1.01V
(4)
LT3517
FB
R1
VOUT
R2
3517 F03
Figure 3
LT3517
FB
R1
Q2
+
LED
ARRAY
VOUT
R2
3517 F04
RSENSE
Figure 4
Inductor Selection
The inductor used with the LT3517 should have a satura-
tion current rating of 2A or greater. For buck mode LED
drivers, the inductor value should be chosen to give a
ripple current “ΔI” of ~30% to 40% of the LED current.
In the buck mode, the inductor value can be estimated
using the formula:
LμH
() =
DBUCK •tSW(μs) • VIN –VLED
()
ΔI
DBUCK =
VLED
VIN
(6)
VLED is the voltage across the LED string, VIN is the input
voltage to the converter, and tSW is the switching period.
In the boost configuration, the inductor can be estimated
using the formula:
LμH
() =
DBOOST •tSW(μs) • VIN
ΔI
DBOOST =
VLED –VIN
VLED
(7)


Similar Part No. - LTC3783

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3783 LINER-LTC3783 Datasheet
274Kb / 24P
   PWM LED Driver and Boost, Flyback and SEPIC Controller
LTC3783 LINER-LTC3783 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LTC3783 LINEAR_DIMENSIONS-LTC3783 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Analog Devices
LTC3783 AD-LTC3783 Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
LTC3783 AD-LTC3783 Datasheet
399Kb / 26P
   100VIN, 100VOUT LED Controller
More results

Similar Description - LTC3783

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT3517HUF LINEAR_DIMENSIONS-LT3517HUF Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3517 LINER-LT3517 Datasheet
275Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3517 LINER-LT3517_15 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3518 LINER-LT3518_15 Datasheet
250Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
LT3518 LINER-LT3518 Datasheet
272Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
logo
Linear Integrated Syste...
LT3518HFE LINEAR-LT3518HFE Datasheet
250Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Maxic Technology Corpor...
MT7202 MAXIC-MT7202 Datasheet
169Kb / 1P
   1.5A LED driver with internal switch
logo
Tontek Design Technolog...
TTP933 TONTEK-TTP933 Datasheet
1Mb / 25P
   1.5A LED Driver with internal switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com