Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3595 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3595
Description  Full-Featured LED Driver with 1.5A Switch Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3595 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3595 Datasheet HTML 2Page - Linear Technology LT3595 Datasheet HTML 3Page - Linear Technology LT3595 Datasheet HTML 4Page - Linear Technology LT3595 Datasheet HTML 5Page - Linear Technology LT3595 Datasheet HTML 6Page - Linear Technology LT3595 Datasheet HTML 7Page - Linear Technology LT3595 Datasheet HTML 8Page - Linear Technology LT3595 Datasheet HTML 9Page - Linear Technology LT3595 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3517
6
3517ff
PIN FUNCTIONS
SW: Switch Pin. Minimize trace at this pin to reduce EMI.
VIN: Input Supply Pin. Must be locally bypassed.
SHDN: Shutdown Pin. Tie to 1.5V or higher to enable
device or 0.4V or less to disable device.
VREF: Reference Output Pin. This pin can supply up to
100μA.
RT: Switching Frequency Adjustment Pin. Set switching
frequency using a resistor to GND (see Typical Performance
Characteristics for values). For SYNC function, choose
the resistor to program a frequency 20% slower than the
SYNC pulse frequency. Do not leave this pin open.
SYNC: Frequency Synchronization Pin. Tie an external
clock signal here. RT resistor should be chosen to pro-
gram a switching frequency 20% slower than SYNC pulse
frequency. Synchronization (power switch turn-on) occurs
a fixed delay after the rising edge of SYNC. Tie the SYNC
pin to ground if this feature is not used.
SS: Soft-Start Pin. Place a soft-start capacitor here. Leave
the pin open if not in use.
PWM: Pulse Width Modulated Input Pin. Signal low turns
off channel, disables the main switch and makes the TG
pin high. Tie the PWM pin to VREF pin or SHDN pin if not
used. There is an equivalent 50k resistor from PWM pin
to ground internally.
CTRL: LED Current Adjustment Pin. Sets voltage across
sense resistor between ISP and ISN. Connect directly to
VREF for full-scale threshold of 100mV, or use signal values
between GND and 1V to modulate LED current. Tie the CTRL
pin to the VREF pin if not used.
VC: gm Error Amplifier Output Pin. Stabilize the loop with
an RC network or compensating C.
FB: Voltage Loop Feedback Pin. Works as overvoltage
protection for LED drivers. If FB is higher than 1V, the
main switch is turned off.
TGEN: Top Gate Enable Input Pin. Tie to 1.5V or higher
to enable the PMOS driver function. Tie the TGEN pin to
ground if TG function is not used. There is an equivalent
40k resistor from TGEN pin to ground internally.
ISN: Current Sense (–) Pin. The inverting input to the
current sense amplifier.
ISP: Current Sense (+) Pin. The noninverting input to the
current sense amplifier. Also serves as positive rail for
TG pin driver.
TG: Top Gate Driver Output. An inverted PWM sig-
nal drives series PMOS device between VISP and
(VISP – 7V). An internal 7V clamp protects the PMOS gate.
Leave TG unconnected if not used.
GND: Exposed Pad (QFN Package). Solder paddle directly
to ground plane.


Similar Part No. - LT3595

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3595 LINER-LT3595 Datasheet
361Kb / 16P
   16 Channel Buck Mode LED Driver
LT3595 LINER-LT3595 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
LT3595 LINER-LT3595 Datasheet
403Kb / 28P
   32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3595 LINER-LT3595 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3595 LINEAR_DIMENSIONS-LT3595 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
More results

Similar Description - LT3595

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT3517HUF LINEAR_DIMENSIONS-LT3517HUF Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3517 LINER-LT3517 Datasheet
275Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3517 LINER-LT3517_15 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3518 LINER-LT3518_15 Datasheet
250Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
LT3518 LINER-LT3518 Datasheet
272Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
logo
Linear Integrated Syste...
LT3518HFE LINEAR-LT3518HFE Datasheet
250Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Maxic Technology Corpor...
MT7202 MAXIC-MT7202 Datasheet
169Kb / 1P
   1.5A LED driver with internal switch
logo
Tontek Design Technolog...
TTP933 TONTEK-TTP933 Datasheet
1Mb / 25P
   1.5A LED Driver with internal switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com