Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q68000-A8394 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # Q68000-A8394
Description  NPN Silicon High Voltage Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q68000-A8394 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  Q68000-A8394 Datasheet HTML 1Page - Siemens Semiconductor Group Q68000-A8394 Datasheet HTML 2Page - Siemens Semiconductor Group Q68000-A8394 Datasheet HTML 3Page - Siemens Semiconductor Group Q68000-A8394 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Semiconductor Group
4
SXTA 42
SXTA 43
Collector cutoff current ICB0 = f (TA)
VCB = 160 V
DC current gain hFE = f (IC)
VCE =10V
Collector current IC = f (VBE)
VCE =10V


Similar Part No. - Q68000-A8394

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q68000-A8393 SIEMENS-Q68000-A8393 Datasheet
138Kb / 4P
   PNP Silicon High Voltage Transistors
Q68000-A8396 SIEMENS-Q68000-A8396 Datasheet
199Kb / 7P
   NPN Silicon Switching Transistor
Q68000-A8397 SIEMENS-Q68000-A8397 Datasheet
165Kb / 7P
   PNP Silicon Switching Transistor
More results

Similar Description - Q68000-A8394

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFN16 INFINEON-BFN16 Datasheet
47Kb / 5P
   NPN Silicon High-Voltage Transistors
Nov-30-2001
logo
Leshan Radio Company
MMBTA42LT1 LRC-MMBTA42LT1 Datasheet
102Kb / 3P
   High Voltage Transistors(NPN Silicon)
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1 Datasheet
99Kb / 4P
   High Voltage Transistors(NPN Silicon)
November, 2003 ??Rev. 5
logo
Leshan Radio Company
MMBT5550LT1 LRC-MMBT5550LT1 Datasheet
165Kb / 4P
   High Voltage Transistors(NPN Silicon)
logo
TRANSYS Electronics Lim...
2N3439 TEL-2N3439 Datasheet
62Kb / 2P
   NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Infineon Technologies A...
BFN24 INFINEON-BFN24_07 Datasheet
74Kb / 7P
   NPN Silicon High-Voltage Transistors
2007-04-20
BFN38 INFINEON-BFN38 Datasheet
67Kb / 6P
   NPN Silicon High-Voltage Transistors
2007-03-29
logo
ON Semiconductor
MMBT5550LT1 ONSEMI-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors(NPN Silicon)
MPSA42 ONSEMI-MPSA42 Datasheet
85Kb / 4P
   High Voltage Transistors(NPN Silicon)
1998 REV 1
logo
New Jersey Semi-Conduct...
MJ410 NJSEMI-MJ410 Datasheet
133Kb / 2P
   High Voltage NPN Silicon Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com