Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1976 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1976
Description  Monolithic Dual Tracking 2A Step-Down Switching
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1976 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1976 Datasheet HTML 4Page - Linear Technology LT1976 Datasheet HTML 5Page - Linear Technology LT1976 Datasheet HTML 6Page - Linear Technology LT1976 Datasheet HTML 7Page - Linear Technology LT1976 Datasheet HTML 8Page - Linear Technology LT1976 Datasheet HTML 9Page - Linear Technology LT1976 Datasheet HTML 10Page - Linear Technology LT1976 Datasheet HTML 11Page - Linear Technology LT1976 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LT3510
8
3510fe
VIN1 (Pin 1): The VIN1 pin powers the internal control
circuitry for both channels and is monitored by the
undervoltage lockout comparator. The VIN1 pin is also
connected to the collector of channel 1’s on-chip power
NPN switch. The VIN1 pin has high dI/dt edges and must
be decoupled to ground close to the pin of the device.
SW1/SW2 (Pins 2, 9): The SW pin is the emitter of the on-
chip power NPN. At switch off, the inductor will drive this
pin below ground with a high dV/dt. An external Schottky
catch diode to ground, close to the SW pin and respective
VINdecouplingcapacitor’sground,mustbeusedtoprevent
this pin from excessive negative voltages.
IND1/IND2 (Pins 3, 8): The IND pin is the input to the
on-chip sense resistor that measures current flowing in
the inductor. When the current in the resistor exceeds
the current dictated by the VC pin, the SW latch is held in
reset, disabling the output switch. Bias current flows out
of the IND pin when IND is less than 1.6V.
VOUT1/VOUT2 (Pins 4, 7): The VOUT pin is the output to
the on-chip sense resistor that measures current flowing
in the inductor. When the current in the resistor exceeds
the current dictated by the VC pin, the SW latch is held in
reset, disabling the output switch. Bias current flows out
of the VOUT pin when VOUT is less than 1.6V.
PG1/PG2 (Pins 5, 6): The power good pin is an open-col-
lector output that sinks current when the feedback falls
below 90% of its nominal regulating voltage. For VIN1
above 1V, its output state remains true, although during
shutdown, VIN1undervoltagelockoutorthermalshutdown,
its current sink capability is reduced. The PG pins can be
left open circuit or tied together to form a single power
good signal.
VIN2 (Pin 10): The VIN2 pin is the collector of channel 2’s
on-chip power NPN switch. This pin is independent of VIN1
and may be connected to the same or a separate supply. In
either case, high dI/dt edges are present and decoupling
to ground must be used close to this pin.
SS1/SS2 (Pins 19, 12): The SS1/2 pins control the soft-
start and sequence of their respective outputs. A single
capacitor from the SS pin to ground determines the outpt
ramp rate. For soft-start and output tracking/sequencing
details, see the Applications Information section.
VC1/VC2 (Pins 18, 13): The VC pin is the output of the
error amplifier and the input to the peak switch current
comparator. It is normally used for frequency compensa-
tion, but can also be used as a current clamp or control
loop override. If the error amplifier drives VC above the
maximum switch current level, a voltage clamp activates.
This indicates that the output is overloaded and current is
pulled from the SS pin, reducing the regulation point.
FB1/FB2 (Pins 17, 14): The FB pin is the negative input
to the error amplifier. The output switches regulate this
pin to 0.8V, with respect to the exposed ground pad. Bias
current flows out of the FB pin.
SHDN (Pin 15): The shutdown pin is used to turn off both
channels and control circuitry to reduce quiescent current
to a typical value of 9μA. The accurate 1.28V threshold and
input current hysteresis can be used as an undervoltage
lockout, preventing the regulator from operating until the
input voltage has reached a predetermined level. Force
the SHDN pin above its threshold or let it float for normal
operation.
RT/SYNC (Pin 16): This RT/SYNC pin provides two modes
of setting the constant switch frequency.
Connecting a resistor from the RT/SYNC pin to ground
will set the RT/SYNC pin to a typical value of 0.975V. The
resultant switching frequency will be set by the resistor
value. The minimum value of 15.4k and maximum value of
133k sets the switching frequency to 1.5MHz and 250kHz
respectively.
Driving the RT/SYNC pin with an external clock signal will
synchronize the switch to the applied frequency. Synchro-
nization occurs on the rising edge of the clock signal after
PIN FUNCTIONS


Similar Part No. - LT1976

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1976 LINER-LT1976 Datasheet
797Kb / 24P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100mA Quiescent Current
LT1976 LINER-LT1976 Datasheet
306Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
LT1976 LINER-LT1976 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT1976 LINER-LT1976 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
LT1976B LINER-LT1976B Datasheet
306Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
More results

Similar Description - LT1976

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3510 LINER-LT3510 Datasheet
310Kb / 28P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3501 LINER-LT3501_15 Datasheet
445Kb / 30P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3692A LINER-LT3692A_15 Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3501 LINER-LT3501 Datasheet
446Kb / 28P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3692 LINER-LT3692 Datasheet
532Kb / 36P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3992A LINER-LT3992A Datasheet
226Kb / 6P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3692 LINER-LT3692_15 Datasheet
604Kb / 36P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3992 LINER-LT3992 Datasheet
641Kb / 36P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com