Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1764A Datasheet(PDF) 9 Page - Linear Technology

Part # LT1764A
Description  3關A IQ, 20mA, 45V Low Dropout Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1764A Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1764A Datasheet HTML 5Page - Linear Technology LT1764A Datasheet HTML 6Page - Linear Technology LT1764A Datasheet HTML 7Page - Linear Technology LT1764A Datasheet HTML 8Page - Linear Technology LT1764A Datasheet HTML 9Page - Linear Technology LT1764A Datasheet HTML 10Page - Linear Technology LT1764A Datasheet HTML 11Page - Linear Technology LT1764A Datasheet HTML 12Page - Linear Technology LT1764A Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3008 Series
9
3008fc
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
SHDN Pin Input Current
SHDN Pin Input Current
0
0.8
1.8
2
10
20
30
0.4
1.4
0.6
1.6
0.2
0
1.2
1
515
45
25
35
40
3008 G22
SHDN PIN VOLTAGE (V)
–50
0.8
2
0
25
75
0.4
1.6
0.6
1.8
0.2
0
1.4
1
1.2
–25
100
150
50
125
3008 G23
TEMPERATURE (°C)
VSHDN = 45V
Current Limit
Reverse-Output Current
40
100
20
70
80
30
90
10
0
60
50
3008 G24
TEMPERATURE (°C)
–50
0
75
–25
25
150
50
100 125
VIN = 2V
VIN = 45V
3008 G25
TEMPERATURE (°C)
20
50
10
35
40
15
45
5
0
30
25
–50
0
75
–25
25
150
50
100 125
OUT
ADJ
OUT = ADJ = 1.2V
IN = SHDN = GND
Input Ripple Rejection
0
10
30
20
40
50
70
60
90
80
FREQUENCY (Hz)
3008 G26
10
100
1000
100000
10000
1000000
VIN = 2.1V + 50mVRMS
VOUT = 600mV
ILOAD = 20mA
2.2μF
10μF
Input Ripple Rejection
60
80
30
40
50
70
20
10
0
3008 G27
TEMPERATURE (°C)
–50
0
75
–25
25
150
50
100 125
VIN = VOUT (NOMINAL) + 2V + 0.5VP-P
RIPPLE AT f = 120Hz
ILOAD = 20mA
GND Pin Current
LT3008-5
0
200
450
500
2
4
6
100
350
150
400
50
0
300
250
1
3
8
10
5
7
9
3008 G19
INPUT VOLTAGE (V)
RL = 250Ω, IL = 20mA
RL = 500Ω, IL = 10mA
RL = 5k, IL = 1mA
RL = 50k, IL = 100μA
GND Pin Current vs ILOAD
1
10
100
1000
LOAD (mA)
3008 G20
0.001
0.01
0.1
1
10
100
VIN = 3.8V
VOUT = 3.3V
–50
0.6
1.4
1.5
075
0.3
1.2
1.1
0.4
0.5
1.3
0.1
0.2
0
1
0.9
0.8
0.7
–25
25
150
50
100 125
3008 G21
TEMPERATURE (°C)
OFF TO ON
ON TO OFF
SHDN Pin Thresholds


Similar Part No. - LT1764A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764A LINER-LT1764A Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1764A LINER-LT1764A Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT1764A LINER-LT1764A Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
logo
Linear Dimensions Semic...
LT1764A LINEAR_DIMENSIONS-LT1764A Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Linear Technology
LT1764A LINER-LT1764A Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
More results

Similar Description - LT1764A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008 LINER-LT3008_1 Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3009 LINER-LT3009 Datasheet
224Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3009 LINER-LT3009_12 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008 Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3007 LINER-LT3007 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007_15 Datasheet
341Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com