Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1175 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1175
Description  1.5A, Low Noise, Negative Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1175 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1175 Datasheet HTML 6Page - Linear Technology LT1175 Datasheet HTML 7Page - Linear Technology LT1175 Datasheet HTML 8Page - Linear Technology LT1175 Datasheet HTML 9Page - Linear Technology LT1175 Datasheet HTML 10Page - Linear Technology LT1175 Datasheet HTML 11Page - Linear Technology LT1175 Datasheet HTML 12Page - Linear Technology LT1175 Datasheet HTML 13Page - Linear Technology LT1175 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3015
10
3015f
PIN FUNCTIONS
IN (Pins 1, 2, Exposed Pad Pin 9 / 1, 2, 3, 4, Exposed
Pad Pin 13 / 3, Tab / 3, Tab ): Input. These pins supply
power to the regulator. The Tab of the DD-Pak, TO-220 and
the exposed backside pad of the DFN and MSOP packages
is an electrical connection to IN and to the device’s sub-
strate. For proper electrical and thermal performance, tie
all IN pins together and tie IN to the exposed backside or
Tab of the relevant package on the PCB. See the Applica-
tions Information Section for thermal considerations and
calculating junction temperature. The LT3015 requires
a bypass capacitor at IN. In general, a battery’s output
impedance rises with frequency, so include a bypass ca-
pacitor in battery powered applications. An input bypass
capacitor in the range of 1μF to 10μF generally suffices,
but applications with large load transients may require
higher input capacitance to prevent input supply droop
and prevent the regulator from entering dropout.
SHDN (Pin 3 / 5 / 1 / 1): Shutdown. Use the SHDN pin to
put the LT3015 into a micropower shutdown state. The
SHDN function is bi-directional, allowing use of either
positive or negative logic. The SHDN pin threshold voltages
are referenced to GND. The output of the LT3015 is OFF
if the SHDN pin is pulled within ±0.73V of GND. Driving
the SHDN pin more than ±1.21V turns the LT3015 ON.
Drive the SHDN pin with either a logic gate or with open
collector/drain logic using a pull-up resistor. The resistor
supplies the pull-up current of the open collector/drain
gate, typically several microamperes. The typical SHDN
pin current is 2.8μA out of the pin (for negative logic) or
17μA into the pin (for positive logic). If the SHDN func-
tion is unused, connect the SHDN pin to VIN to turn the
device ON. If the SHDN pin is floated, then the LT3015
is OFF. A parasitic diode exists between SHDN and IN of
the LT3015. Therefore, do not drive the SHDN pin more
than 0.3V below IN during normal operation or during a
fault condition. The SHDN pin can also be used to set a
programmable undervoltage lockout (UVLO) threshold
for the regulator input supply.
GND (Pins 4, 5 / 6, 7 / 2 / 2): Ground. Tie all GND pin(s)
together and tie the bottom of the output voltage setting
resistor divider directly to the GND pin(s) for optimum
load regulation performance.
ADJ (Pin 6 / 8 / 4 / 4): Adjust. This pin is the error ampli-
fier’s non-inverting input. It has a typical bias current of
30nA that flows into the pin. The ADJ pin reference voltage
is –1.22V referred to GND, and the output voltage range
is –1.22V to –29.5V. A parasitic substrate diode exists
between ADJ and IN of the LT3015. Therefore, do not drive
ADJ more than 0.3V below IN during normal operation or
during a fault condition.
OUT (Pins 7, 8 / 9, 10, 11, 12 / 5 / 5): Output. These pins
supply power to the load. Tie all OUT pins together for best
performance. Use a minimum output capacitor of 10μF
to prevent oscillations. Large load transient applications
require larger output capacitors to limit peak voltage tran-
sients. See the Applications Information section for more
information on output capacitance. A parasitic substrate
diode exists between OUT and IN of the LT3015. Therefore,
do not drive OUT more than 0.3V below IN during normal
operation or during a fault condition.
(DFN/MSOP/Q/T)


Similar Part No. - LT1175

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
LT1175 LINER-LT1175 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
More results

Similar Description - LT1175

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Technology
LT3015 LINER-LT3015 Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015EDD LINER-LT3015EDD Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3091EDE LINER-LT3091EDE Datasheet
536Kb / 8P
   ??6V, 1.5A Negative Linear Regulator
logo
Anaren Microwave
MSK5173 ANAREN-MSK5173 Datasheet
808Kb / 8P
   1.5A, NEGATIVE ADJUSTABLE LINEAR REGULATOR
MSK5973RH ANAREN-MSK5973RH Datasheet
447Kb / 8P
   RAD HARD 1.5A, NEGATIVE ADJUSTABLE LINEAR REGULATOR
logo
Linear Technology
LT3032 LINER-LT3032 Datasheet
296Kb / 20P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
   1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
logo
E-CMOS Corporation
EC8812 E-CMOS-EC8812 Datasheet
376Kb / 10P
   1.5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com