Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1999 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1999
Description  500mA Power Op Amp with Adjustable Precision Current Limit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1999 Datasheet(HTML) 1 Page - Linear Technology

  LT1999 Datasheet HTML 1Page - Linear Technology LT1999 Datasheet HTML 2Page - Linear Technology LT1999 Datasheet HTML 3Page - Linear Technology LT1999 Datasheet HTML 4Page - Linear Technology LT1999 Datasheet HTML 5Page - Linear Technology LT1999 Datasheet HTML 6Page - Linear Technology LT1999 Datasheet HTML 7Page - Linear Technology LT1999 Datasheet HTML 8Page - Linear Technology LT1999 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT1970A
1
1970afa
2V/DIV
0V
1970A TA01b
100μs/DIV
CURRENT LIMIT = 500mA
VLOAD, RLOAD = 100Ω
VLOAD,
RLOAD = 10Ω
VIN, 5V/DIV
TYPICAL APPLICATION
DESCRIPTION
500mA Power Op Amp with
Adjustable Precision Current Limit
The LT®1970A is a ± 500mA power op amp with precise
externally controlled current limiting. Separate control
voltages program the sourcing and sinking current limit
sense thresholds with 1% accuracy. Output current may
be boosted by adding external power transistors.
The circuit operates with single or split power supplies
from 5V to 36V total supply voltage. In normal opera-
tion, the input stage supplies and the output stage sup-
plies are connected (VCC to V+ and VEE to V). To reduce
power dissipation it is possible to power the output stage
(V+, V) from independent, lower voltage rails. The amplifier
is unity-gain stable with a 3.6MHz gain-bandwidth product
and slews at 1.6V/μs. The LT1970A can drive capacitive
and inductive loads directly.
Open-collector status flags signal current limit circuit
activation, as well as thermal shutdown of the amplifier.
An enable logic input puts the amplifier into a low power,
high impedance output state when pulled low. Thermal
shutdown and a ±800mA fixed current limit protect the
chip under fault conditions.
The LT1970A is packaged in a 20-lead TSSOP package with
a thermally conductive copper bottom plate to facilitate
heat sinking.
Device Power Supply (DPS) with ±500mA Adjustable Current Limit
FEATURES
APPLICATIONS
n ± 500mA Minimum Output Current
n Independent Adjustment of Source and
Sink Current Limits
n 1% Current Limit Accuracy
n Improved Reactive Load Driving Stability
n Operates with Single or Split Supplies
n Shutdown/Enable Control Input
n Open-Collector Status Flags:
Sink Current Limit
Source Current Limit
Thermal Shutdown
n Fail-Safe Current Limit and Thermal Shutdown
n 1.6V/μs Slew Rate
n 3.6MHz Gain-Bandwidth Product
n Specified Temperature Range: –40°C to 85°C
n Available in a 20-Lead TSSOP Package
n Automatic Test Equipment
n Laboratory Power Supplies
n Motor Drivers
n Thermoelectric Cooler Driver
VCC
COMMON
VEE
V+
EN
V
10k
100pF
VCSRC
VCSNK
ISNK
ISRC
SENSE
SENSE
SENSE+
TSD
IOUT
OUT
RCS
1/4W
TRACE R
100mΩ
TRACE L
200nH
6k
+IN
20V
LT1970A
–5V
20V
–IN
LOAD
ESR
0.1Ω
4.7μF
1970A TA01
VLIMIT
0V TO 5V
VIN
VLIMIT
CS
IOUT(MAX) = ±
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LT1999

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1999-10 LINER-LT1999-10 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LT1999-10 LINER-LT1999-10 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
LT1999-10 LINER-LT1999-10_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
LT1999-20 LINER-LT1999-20 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LT1999-20 LINER-LT1999-20_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
More results

Similar Description - LT1999

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1970 LINER-LT1970 Datasheet
233Kb / 12P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970 LINER-LT1970_1 Datasheet
548Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970 LINER-LT1970_15 Datasheet
273Kb / 26P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970A LINER-LT1970A_15 Datasheet
271Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
logo
Maxim Integrated Produc...
MAX20313 MAXIM-MAX20313 Datasheet
667Kb / 14P
   Adjustable Current Limit (500mA to 6A)
Rev 0; 6/17
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
   Precision Load Switch with Adjustable Current Limit
VER 1.2
logo
ETA SOLUTIONS CO. LIMIT...
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com