Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT319A Datasheet(PDF) 10 Page - Linear Technology

Part # LT319A
Description  Guaranteed Maximum 0.5mV Input Offset Voltage
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT319A Datasheet(HTML) 10 Page - Linear Technology

Back Button LT319A Datasheet HTML 4Page - Linear Technology LT319A Datasheet HTML 5Page - Linear Technology LT319A Datasheet HTML 6Page - Linear Technology LT319A Datasheet HTML 7Page - Linear Technology LT319A Datasheet HTML 8Page - Linear Technology LT319A Datasheet HTML 9Page - Linear Technology LT319A Datasheet HTML 10Page - Linear Technology LT319A Datasheet HTML 11Page - Linear Technology LT319A Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LT119A/LT319A
LM119/LM319
10
119a319afc
PACKAGE DESCRIPTION
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.
.050
(1.270)
MAX
.016 – .021**
(0.406 – 0.533)
.010 – .045*
(0.254 – 1.143)
SEATING
PLANE
.040
(1.016)
MAX
.165 – .185
(4.191 – 4.699)
GAUGE
PLANE
REFERENCE
PLANE
.500 – .750
(12.700 – 19.050)
.305 – .335
(7.747 – 8.509)
.335 – .370
(8.509 – 9.398)
DIA
.230
( 5.842)
TYP
.027 – .045
(0.686 – 1.143)
.028 – .034
(0.711 – 0.864)
.110 – .160
(2.794 – 4.064)
INSULATING
STANDOFF
36°
H10(TO-5) 0204
LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE
AND THE SEATING PLANE
FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS
.016 – .024
(0.406 – 0.610)
*
**
PIN 1
H Package
10-Lead TO-5 Metal Can
(Reference LTC DWG # 05-08-1322)
OBSOLETE PACKAGE


Similar Part No. - LT319A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT319A LINER-LT319A Datasheet
240Kb / 8P
   Dual Comparator
LT319A LINER-LT319A Datasheet
195Kb / 12P
   Dual Comparator
LT319A LINER-LT319A Datasheet
198Kb / 12P
   Dual Comparator
LT319AH LINER-LT319AH Datasheet
240Kb / 8P
   Dual Comparator
LT319AH LINER-LT319AH Datasheet
195Kb / 12P
   Dual Comparator
More results

Similar Description - LT319A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8677 AD-AD8677_15 Datasheet
328Kb / 16P
   130 V Maximum Offset Voltage
REV. A
OP07D AD-OP07D_15 Datasheet
251Kb / 16P
   150 V Maximum Offset Voltage Op Amp
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_13 Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
logo
Analog Devices
OP07D AD-OP07D_16 Datasheet
286Kb / 17P
   150 關V Maximum Offset Voltage Op Amp
OP07D AD-OP07D Datasheet
339Kb / 16P
   150 關V Maximum Offset Voltage Op Amp
REV. 0
logo
Seiko Instruments Inc
S-19611AB0H-K8T2U SII-S-19611AB0H-K8T2U Datasheet
1Mb / 20P
   LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8677 AD-AD8677 Datasheet
290Kb / 16P
   130 uV Maximum Offset Voltage Op Amp in TSOT
REV. 0
logo
Rohm
BD5291G-TL ROHM-BD5291G-TL Datasheet
1Mb / 29P
   Input/Output Full Swing Low Input Offset Voltage Operational Amplifier
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
logo
Maxim Integrated Produc...
MAX77757HEVKIT360 MAXIM-MAX77757HEVKIT360 Datasheet
795Kb / 9P
   13.7V Maximum Input Operating Voltage
319-100689; Rev 1; 3/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com