Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS1084S2-2.5 Datasheet(PDF) 10 Page - Advanced Monolithic Systems Ltd

Part # AMS1084S2-2.5
Description  5A LDO VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1084S2-2.5 Datasheet(HTML) 10 Page - Advanced Monolithic Systems Ltd

Back Button AMS1084S2-2.5 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1084S2-2.5 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1084S2-2.5 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1084S2-2.5 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1084S2-2.5 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1084S2-2.5 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS1084S2-2.5 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd AMS1084S2-2.5 Datasheet HTML 10Page - Advanced Monolithic Systems Ltd AMS1084S2-2.5 Datasheet HTML 11Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
0.81
2.54±0.10
5.08±0.10
2.67±0.15
4.57±0.20
1.27±0.10
0.42±0.11
Φ
3.835±0.100
1.27
10.16±0.20
AMS1084
PACKAGE OUTLINE
TO-220-3L
TO-263-2L
Unit: mm
Unit: mm
10.15+/-0.30
4.98~5.18
4.57+/-0.10
1.27+/-0.10
1.27+/-0.10
0.81+/-0.10
0~0.15
0.30~0.55
0.54TYP
10
Advanced Monolithic Systems http://www.ams-semitech.com


Similar Part No. - AMS1084S2-2.5

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084 Datasheet
76Kb / 8P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084 ADMOS-AMS1084 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084CD ADMOS-AMS1084CD Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084CD ADMOS-AMS1084CD Datasheet
133Kb / 9P
   High Efficiency Linear Regulators
AMS1084CD-1.5 ADMOS-AMS1084CD-1.5 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS1084S2-2.5

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA1084 SILAN-SA1084 Datasheet
451Kb / 10P
   5A LDO VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
logo
Guangdong Youtai Semico...
AMS1084CM-3.3 UMW-AMS1084CM-3.3 Datasheet
1Mb / 11P
   5A LDO regulator circuit
logo
Micrel Semiconductor
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
   5A Fast-Response LDO Regulator
logo
AiT Semiconductor Inc.
A1084 AITSEMI-A1084 Datasheet
905Kb / 13P
   BIPOLAR LDO REGULATOR 5A BIPOLAR LINEAR REGULATOR
REV1.3
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
List of Unclassifed Man...
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084 ETC-L1084 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com