Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS1084S-5.0 Datasheet(PDF) 4 Page - Advanced Monolithic Systems Ltd

Part # AMS1084S-5.0
Description  5A LDO VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1084S-5.0 Datasheet(HTML) 4 Page - Advanced Monolithic Systems Ltd

  AMS1084S-5.0 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS1084S-5.0 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1084S-5.0 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1084S-5.0 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1084S-5.0 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1084S-5.0 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1084S-5.0 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1084S-5.0 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS1084S-5.0 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
VIN
12
V
TJ
0 ~ +125
°C
VREF
AMS
1084-ADJ,
IOUT=10mA, VIN-VOUT=3V,
10mA≤IOUT≤5A,1.5V≤VIN-VOUT≤5V
1.238
1.225
1.250
1.250
1.262
1.270
V
AMS
1084-1.5,
IOUT=10mA, VIN=4.5V,
10mA≤IOUT≤5A, 3.0V≤VIN≤6V
1.485
1.47
1.5
1.5
1.515
1.53
V
AMS
1084-1.8,
IOUT=10mA, VIN=4.8V,
10mA≤IOUT≤ 5A, 3.3V≤VIN≤6V
1.782
1.764
1.8
1.8
1.818
1.836
V
AMS
1084-2.5,
IOUT=10mA, VIN=5.5V
10mA≤IOUT≤5A, 4.0V≤VIN ≤7V
2.475
2.45
2.5
2.5
2.525
2.55
V
AMS
1084-3.3,
IOUT=10mA, VIN=6.3V,
10mA≤IOUT≤5A, 4.8V≤VIN≤8V
3.267
3.234
3.3
3.3
3.333
3.366
V
VOUT
AMS
1084-5.0,
IOUT=10mA, VIN=8V, 10mA≤
IOUT≤5A, 6.5V≤VIN≤10V
4.95
4.9
5
5
5.05
5.1
V
AMS
1084-ADJ,
IOUT=10mA, 2.85V≤VIN≤10V
0.015
0.035
0.2
0.2
%
AMS
1084-1.5,
IOUT=10mA, 3.0V≤VIN≤10V
0.5
1
6
6
mV
AMS
1084-1.8,
IOUT=10mA, 3.3V≤VIN≤10V
0.5
1
6
6
mV
AMS
1084-2.5,
IOUT=10mA, 4.0V≤VIN≤10V
0.5
1
6
6
mV
AMS
1084-3.3,
IOUT=10mA, 4.8V≤VIN≤10V
0.5
1
6
6
mV
ΔVOUT
AMS
1084-5.0,
IOUT=10mA, 6.5V≤VIN≤10V
0.5
1
10
10
mV
ELECTRICAL CHARACTERISTICS (Tamb=25°C, unless otherwise specified. Limits appearing in Boldface
type apply over the entire junction temperature range for operation, 0°C to 125°C. )
AMS1084
Characteristics
Symbol
Characteristics
Symbol
Ratings
Unit
Unit
RECOMMENDED OPERATING CONDITIONS
Conditions
Max.
Typ.
Min.
Input Supply Voltage
Operating Junction Temperature Range
Line Regulation
Reference Voltage
Output Voltage
4
Advanced Monolithic Systems http://www.ams-semitech.com


Similar Part No. - AMS1084S-5.0

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084 Datasheet
76Kb / 8P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084 ADMOS-AMS1084 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084CD ADMOS-AMS1084CD Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084CD ADMOS-AMS1084CD Datasheet
133Kb / 9P
   High Efficiency Linear Regulators
AMS1084CD-1.5 ADMOS-AMS1084CD-1.5 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS1084S-5.0

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA1084 SILAN-SA1084 Datasheet
451Kb / 10P
   5A LDO VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
logo
Guangdong Youtai Semico...
AMS1084CM-3.3 UMW-AMS1084CM-3.3 Datasheet
1Mb / 11P
   5A LDO regulator circuit
logo
Micrel Semiconductor
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
   5A Fast-Response LDO Regulator
logo
AiT Semiconductor Inc.
A1084 AITSEMI-A1084 Datasheet
905Kb / 13P
   BIPOLAR LDO REGULATOR 5A BIPOLAR LINEAR REGULATOR
REV1.3
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
List of Unclassifed Man...
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084 ETC-L1084 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com