Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS2566-XX Datasheet(PDF) 4 Page - Advanced Monolithic Systems Ltd

Part # AMS2566-XX
Description  Wide 3.6V to 25V Input Voltage Range
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS2566-XX Datasheet(HTML) 4 Page - Advanced Monolithic Systems Ltd

  AMS2566-XX Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS2566-XX Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS2566-XX Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS2566-XX Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS2566-XX Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS2566-XX Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS2566-XX Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS2566-XX Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS2566-XX Datasheet HTML 9Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Ordering Information
Part Number
FACT
Lead Free
Lead Free
voltage
AMS
2566-XX
TO263-5/TO252-5
XX
Package
Temperature
Range
AMS
2566L-XX
TO220-5 (two lines, two pins back three front)
XLSEMI Pb-free products, as designated with “E1” suffix in the par number, are RoHS compliant.
Absolute Maximum Ratings(Note1)
Parameter
Symbol
Value
Unit
Input Voltage
Vin
-0.3 to 27
V
Feedback Pin Voltage
VFB
-0.3 to Vin
V
EN Pin Voltage
VEN
-0.3 to Vin
V
Output Switch Pin Voltage
VOutput
-0.3 to Vin
V
Power Dissipation
PD
Internally limited
mW
Thermal Resistance (TO263)
(Junction to Ambient, No Heatsink, Free Air)
RJA
50
ºC/W
Operating Junction Temperature
TJ
-40 to 125
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10 sec)
TLEAD
260
ºC
ESD (HBM)
2000
V
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
4
AMS2566
Advanced Monolithic Systems http://www.ams-semitech.com


Similar Part No. - AMS2566-XX

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
AMS2501 ADMOS-AMS2501 Datasheet
66Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
AMS2501CS ADMOS-AMS2501CS Datasheet
63Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
AMS2501CS ADMOS-AMS2501CS Datasheet
66Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
AMS2501CS-1.5 ADMOS-AMS2501CS-1.5 Datasheet
66Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - AMS2566-XX

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
   Wide input voltage range
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
   Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
   Wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
   Wide input voltage range
logo
Analog Devices
ADP5051 AD-ADP5051 Datasheet
2Mb / 28P
   Wide input voltage range
logo
ams AG
AS1313 AMSCO-AS1313 Datasheet
568Kb / 26P
   Wide input voltage range (2.4V to 5.5V)
logo
ELMOS Semiconductor AG
E522.01 ELMOS-E522.01 Datasheet
1Mb / 25P
   Wide input voltage range 4.5V to 40V
logo
Maxim Integrated Produc...
MAX15162TAEVKIT MAXIM-MAX15162TAEVKIT Datasheet
768Kb / 14P
   8V to 60V Wide Input Voltage Range
Rev 0; 1/20
logo
Guangdong Youtai Semico...
XL1509 UMW-XL1509 Datasheet
1Mb / 12P
   Wide 4.5V to 40V Input Voltage Range
logo
Maxim Integrated Produc...
MAX17503 MAXIM-MAX17503 Datasheet
3Mb / 19P
   Wide 4.5V to 60V Input Voltage Range
Rev 1; 4/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com