Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS2301 Datasheet(PDF) 2 Page - Advanced Monolithic Systems Ltd

Part # AMS2301
Description   Super high density cell design for
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS2301 Datasheet(HTML) 2 Page - Advanced Monolithic Systems Ltd

  AMS2301 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS2301 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS2301 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS2301 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS2301 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS2301 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS2301 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOULTE MAXIMUM RATINGS
(Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain CurrentTJ=150℃)
TA=25℃
TA=70℃
ID
-2.8
-1.5
A
Pulsed Drain Current
IDM
-10
A
Continuous Source Current (Diode Conduction)
IS
-1.6
A
Power Dissipation
TA=25℃
TA=70℃
PD
1.25
0.8
W
Operation Junction Temperature
TJ
150
Storgae Temperature Range
TSTG
-55/150
Thermal Resistance-Junction to Ambient
RθJA
120
℃/W
AMS2301
2
Advanced Monolithic Systems http://www.ams-semitech.com


Similar Part No. - AMS2301

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2301A AMS-AMS2301A Datasheet
316Kb / 6P
   Super high density cell design for extremely low
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com