Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS73CAG01168RAUJI8I Datasheet(PDF) 11 Page - Advanced Monolithic Systems Ltd

Part # AMS73CAG01168RAUJI8I
Description  HIGH PERFORMANCE 1Gbit DDR3 SDRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS73CAG01168RAUJI8I Datasheet(HTML) 11 Page - Advanced Monolithic Systems Ltd

Back Button AMS73CAG01168RAUJI8I Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS73CAG01168RAUJI8I Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS73CAG01168RAUJI8I Datasheet HTML 9Page - Advanced Monolithic Systems Ltd AMS73CAG01168RAUJI8I Datasheet HTML 10Page - Advanced Monolithic Systems Ltd AMS73CAG01168RAUJI8I Datasheet HTML 11Page - Advanced Monolithic Systems Ltd AMS73CAG01168RAUJI8I Datasheet HTML 12Page - Advanced Monolithic Systems Ltd AMS73CAG01168RAUJI8I Datasheet HTML 13Page - Advanced Monolithic Systems Ltd AMS73CAG01168RAUJI8I Datasheet HTML 14Page - Advanced Monolithic Systems Ltd AMS73CAG01168RAUJI8I Datasheet HTML 15Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
AMS73CAG01808RA Rev. 1.0 December 2010
Command Truth Table
(a) Note 1,2,3,4 apply to the entire Command truth table
(b) Note 5 applies to all Read/Write commands.
[BA=Bank Address, RA=Row Address, CA=Column Address, BC=Burst Chop, X=Don’t care, V=Valid]
Note :
1. All DDR3 SDRAM commands are defined by states of CS, RAS, CAS, WE and CKE at the rising edge of the clock. The MSB of BA, RA, and CA are
device density and configuration dependant
2. RESET is Low enable command which will be used only for asynchronous reset so must be maintained HIGH during any function.
3. Bank addresses (BA) determine which bank is to be operated upon. For (E)MRS BA selects an (Extended) Mode Register
4. “V” means “H or L (but a defined logic level)” and “X” means either “defined or undefined (like floating) logic level”
5. Burst reads or writes cannot be terminated or interrupted and Fixed/on the fly BL will be defined by MRS
6. The Power Down Mode does not perform any refresh operations.
7. The state of ODT does not affect the states described in this table. The ODT function is not available during Self Refresh.
8. Self refresh exit is asynchronous.
9. VREF(Both VREFDQ and VREFCA) must be maintained during Self Refresh operation.
10. The No Operation command should be used in cases when the DDR3 SDRAM is in an idle or a wait state. The purpose of the No Operation
command (NOP) is to prevent the DDR3 SDRAM from registering any unwanted commands between operations. A No Operation command will not
terminate a previous operation that is still executing, such as a burst read or write cycle.
11. The Deselect command performs the same function as a No Operation command.
12. Refer to the CKE Truth Table for more detail with CKE transition
Function
Abbreviation
CKE
CS
RAS CAS
WE
BA0
-
BA2
A13
-
A15
A12
/
BC
A10
/
AP
A0
-
A9,A11
Notes
Previous
Cycle
Current
Cycle
Mode Register Set
MRS
H
H
L
L
L
L
BA
OP Code
Refresh
REF
H
H
L
L
L
H
V
V
V
V
V
Self Refresh Entry
SRE
H
L
L
L
L
H
V
V
V
V
V
7,9,12
Self Refresh Exit
SRX
L
H
H
V
V
V
XX
XX
X
7,8,9,12
LH
H
H
V
V
V
V
V
Single Bank Precharge
PRE
H
H
L
L
H
L
BA
V
V
L
V
Precharge all Banks
PREA
H
H
L
L
H
L
V
V
V
H
V
Bank Activate
ACT
H
H
L
L
H
H
BA
Row Address (RA)
Write (Fixed BL8 or BL4)
WR
H
H
L
H
L
L
BA
RFU
V
L
CA
Write (BL4, on the Fly)
WRS4
H
H
L
H
L
L
BA
RFU
L
L
CA
Write (BL8, on the Fly)
WRS8
H
H
L
H
L
L
BA
RFU
H
L
CA
Write with Auto Precharge
(Fixed BL8 or BL4)
WRA
H
H
L
H
L
L
BA
RFU
V
H
CA
Write with Auto Precharge
(BL4, on the Fly)
WRAS4
H
H
L
H
L
L
BA
RFU
L
H
CA
Write with Auto Precharge
(BL8, on the Fly)
WRAS8
H
H
L
H
L
L
BA
RFU
H
H
CA
Read (Fixed BL8 or BL4)
RD
H
H
L
H
L
H
BA
RFU
V
L
CA
Read (BL4, on the Fly)
RDS4
H
H
L
H
L
H
BA
RFU
L
L
CA
Read (BL8, on the Fly)
RDS8
H
H
L
H
L
H
BA
RFU
H
L
CA
Read with Auto Precharge
(Fixed BL8 or BL4)
RDA
H
H
L
H
L
H
BA
RFU
V
H
CA
Read with Auto Precharge
(BL4, on the Fly)
RDAS4
H
H
L
H
L
H
BA
RFU
L
H
CA
Read with Auto Precharge
(BL8, on the Fly)
RDAS8
H
H
L
H
L
H
BA
RFU
H
H
CA
No Operation
NOP
H
H
L
H
H
H
V
V
V
V
V
10
Device Deselected
DES
H
H
H
X
X
X
X
X
X
X
X
11
ZQ calibration Long
ZQCL
H
H
L
H
H
L
X
X
X
H
X
ZQ calibration Short
ZQCS
H
H
L
H
H
L
X
X
X
L
X
Power Down Entry
PDE
H
L
LH
H
H
V
V
V
V
V
6,12
H
V
X
X
XX
XX
X
Power Down Exit
PDX
L
H
LH
H
H
V
V
V
V
V
6,12
H
X
X
X
XX
XX
X
AMS73CAG01808RA


Similar Part No. - AMS73CAG01168RAUJI8I

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS73XX AMS-AMS73XX Datasheet
7Mb / 6P
   Low power consumption
More results

Similar Description - AMS73CAG01168RAUJI8I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com